Electronic Components Datasheet Search
  English  ▼

X  

CD4049UBMS Datasheet(PDF) 1 Page - Intersil Corporation

Part # CD4049UBMS
Description  CMOS Hex Buffer/Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4049UBMS Datasheet(HTML) 1 Page - Intersil Corporation

  CD4049UBMS Datasheet HTML 1Page - Intersil Corporation CD4049UBMS Datasheet HTML 2Page - Intersil Corporation CD4049UBMS Datasheet HTML 3Page - Intersil Corporation CD4049UBMS Datasheet HTML 4Page - Intersil Corporation CD4049UBMS Datasheet HTML 5Page - Intersil Corporation CD4049UBMS Datasheet HTML 6Page - Intersil Corporation CD4049UBMS Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
CD4049UBMS
CMOS Hex Buffer/Converter
The CD4049UBMS is an inverting hex buffer and features
logic level conversion using only one supply (voltage (VCC).
The input signal high level (VIH) can exceed the VCC supply
voltage when this device is used for logic level conversions.
This device is intended for use as CMOS to DTL/TTL
converters and can drive directly two DTL/TTL loads. (VCC
= 5V, VOL
≤ 0.4V, and IOL ≥ 3.3mA.
The CD4049UBMS is designated as replacement for
CD4009UB. Because the CD4049UBMS requires only one
power supply, it is preferred over the CD4009UB and
CD4010B and should be used in place of the CD4009UB in
all inverter, current driver, or logic level conversion applica-
tions. In these applications the CD4049UBMS is pin compat-
ible with the CD4009UB, and can be substituted for this
device in existing as well as in new designs. Terminal No. 16
is not connected internally on the CD4049UBMS, therefore,
connection to this terminal is of no consequence to circuit
operation. For applications not requiring high sink current or
voltage conversion, the CD4069UB Hex Inverter is recom-
mended.
The CD4049UBMS is supplied in these 16 lead outline pack-
ages:
Features
• High Voltage Type (20V Rating)
• Inverting Type
• High Sink Current for Driving 2 TTL Loads
• High-to-Low Level Logic Conversion
• 100% Tested for Quiescent Current at 20V
• Maximum Input Current of 1
µA at 18V Over Full Pack-
age Temperature Range; 100nA at 18V and +25oC
• 5V, 10V and 15V Parametric Ratings
Applications
• CMOS to DTL/TTL Hex Converter
• CMOS Current “Sink” or “Source” Driver
• CMOS High-to-Low Logic Level Converter
Pinout
CD4049UBMS
TOP VIEW
Functional Diagram
Schematic
FIGURE 1. SCHEMATIC DIAGRAM, 1 OF 6 IDENTICAL UNITS
Braze Seal DIP
H4S
Frit Seal DIP
H1E
Ceramic Flatpack
H3X
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
VCC
G = A
A
H = B
B
I = C
VSS
C
NC
F
NC
K = E
E
J = D
D
L = F
32
AG = A
54
BH = B
76
CI = C
910
DJ = D
11
12
EK = E
14
15
FL = F
1
8
VCC
VSS
NC = 13
NC = 16
OUT
VSS
N
P
VCC
R
IN
Data Sheet
December 1992
File Number
3315
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999


Similar Part No. - CD4049UBMS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4049UBMS INTERSIL-CD4049UBMS Datasheet
313Kb / 11P
CMOS Hex Buffer/Converter
March 6, 2007
logo
Renesas Technology Corp
CD4049UBMS RENESAS-CD4049UBMS Datasheet
414Kb / 11P
CMOS Hex Buffer/Converter
March 6, 2007
logo
Intersil Corporation
CD4049UBMS INTERSIL-CD4049UBMS_07 Datasheet
313Kb / 11P
CMOS Hex Buffer/Converter
March 6, 2007
More results

Similar Description - CD4049UBMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4503B TI-CD4503B Datasheet
481Kb / 11P
CMOS HEX BUFFER
logo
Intersil Corporation
CD4010BMS INTERSIL-CD4010BMS Datasheet
78Kb / 8P
CMOS Hex Buffer/Converter
November 1994
CD4049UBT INTERSIL-CD4049UBT Datasheet
33Kb / 3P
CMOS Hex Buffer/Converter
July 1999
CD4050BMS INTERSIL-CD4050BMS Datasheet
81Kb / 7P
CMOS Hex Buffer/Converter
December 1992
CD4049BMS INTERSIL-CD4049BMS Datasheet
85Kb / 7P
CMOS Hex Buffer/Converter
December 1992
CD4049UBMS INTERSIL-CD4049UBMS_07 Datasheet
313Kb / 11P
CMOS Hex Buffer/Converter
March 6, 2007
logo
Texas Instruments
CD4010B-Q1 TI1-CD4010B-Q1 Datasheet
4Mb / 14P
CMOS HEX BUFFER/CONVERTER
CD4503B TI1-CD4503B_15 Datasheet
913Kb / 15P
Cmos Hex Buffer
logo
Renesas Technology Corp
CD4049UBMS RENESAS-CD4049UBMS Datasheet
414Kb / 11P
CMOS Hex Buffer/Converter
March 6, 2007
CD4050BMS RENESAS-CD4050BMS Datasheet
327Kb / 7P
CMOS Hex Buffer/Converter
December 1992
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com