Electronic Components Datasheet Search
  English  ▼

X  

IDT74FCT652ATSOB Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT74FCT652ATSOB
Description  FAST CMOS OCTAL TRANSCEIVER/ REGISTERS (3-STATE)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT652ATSOB Datasheet(HTML) 6 Page - Integrated Device Technology

  IDT74FCT652ATSOB Datasheet HTML 1Page - Integrated Device Technology IDT74FCT652ATSOB Datasheet HTML 2Page - Integrated Device Technology IDT74FCT652ATSOB Datasheet HTML 3Page - Integrated Device Technology IDT74FCT652ATSOB Datasheet HTML 4Page - Integrated Device Technology IDT74FCT652ATSOB Datasheet HTML 5Page - Integrated Device Technology IDT74FCT652ATSOB Datasheet HTML 6Page - Integrated Device Technology IDT74FCT652ATSOB Datasheet HTML 7Page - Integrated Device Technology IDT74FCT652ATSOB Datasheet HTML 8Page - Integrated Device Technology IDT74FCT652ATSOB Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6.20
6
IDT54/74FCT646/2646/652/2652T/AT/CT/DT, 648T/AT/CT
FAST CMOS OCTAL TRANSCEIVER/REGISTER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
OUTPUT DRIVE CHARACTERISTICS FOR FCT2646T/2652T
2634 lnk 07
NOTES:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at Vcc = 5.0V, +25
°C ambient.
3. Not more than one output should be shorted at one time. Duration of the short circuit test should not exceed one second.
4. The test limit for this parameter is
±5µA at TA = –55°C.
5. This parameter is guaranteed but not tested.
POWER SUPPLY CHARACTERISTICS
2634 tbl 08
NOTES:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25
°C ambient.
3. Per TTL driven input (VIN = 3.4V). All other inputs at VCC or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations.
5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested.
6. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC +
∆ICC DHNT + ICCD (fCP/2 + fiNi)
ICC = Quiescent Current
∆ICC = Power Supply Current for a TTL High Input (VIN = 3.4V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL)
fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices)
fi = Input Frequency
Ni = Number of Inputs at fi
All currents are in milliamps and all frequencies are in megahertz.
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
IODL
Output LOW Current
VCC = 5V, VIN = VIH or VIL, VOUT = 1.5V(3)
16
48
—
mA
IODH
Output HIGH Current
VCC = 5V, VIN = VIH or VIL, VOUT = 1.5V(3)
–16
–48
—
mA
VOH
Output HIGH Voltage
VCC = Min.
VIN = VIH or VIL
IOH = –12mA MIL.
IOH = –15mA COM'L.
2.4
3.3
—
V
VOL
Output LOW Voltage
VCC = Min.
VIN = VIH or VIL
IOL = 12mA
—
0.3
0.50
V
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
∆ICC
Quiescent Power Supply Current
TTL Inputs HIGH
VCC = Max.
VIN = 3.4V(3)
—
0.5
2.0
mA
ICCD
Dynamic Power Supply Current(4)
VCC = Max.
Outputs Open
GAB =
GBA = GND or
VIN = VCC
VIN = GND
FCTxxxT
—
0.15
0.25
mA/
MHz
G = DIR = GND
One Input Toggling
50% Duty Cycle
FCT2xxxT
—
0.06
0.12
IC
Total Power Supply Current(6)
VCC = Max.
Outputs Open
VIN = VCC
VIN = GND
FCTxxxT
—
1.5
3.5
mA
fCP = 10MHz
50% Duty Cycle
FCT2xxxT
—
0.6
2.2
GAB =
GBA = GND or
G = DIR = GND
VIN = 3.4
VIN = GND
FCTxxxT
—
2.0
5.5
One Bit Toggling
at fi = 5MHz
50% Duty Cycle
FCT2xxxT
1.1
4.2
VCC = Max.
Outputs Open
VIN = VCC
VIN = GND
FCTxxxT
—
3.8
7.3(5)
fCP = 10MHz
50% Duty Cycle
FCT2xxxT
—
1.5
4.0(5)
GAB =
GBA = GND or
G = DIR = GND
VIN = 3.4
VIN = GND
FCTxxxT
—
6.0
16.3(5)
Eight Bits Toggling
at fi = 2.5MHz
50% Duty Cycle
FCT2xxxT
—
3.8
13.0(5)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com