Electronic Components Datasheet Search
  English  ▼

X  

IDT74FCT652ATSOB Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT74FCT652ATSOB
Description  FAST CMOS OCTAL TRANSCEIVER/ REGISTERS (3-STATE)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT652ATSOB Datasheet(HTML) 7 Page - Integrated Device Technology

  IDT74FCT652ATSOB Datasheet HTML 1Page - Integrated Device Technology IDT74FCT652ATSOB Datasheet HTML 2Page - Integrated Device Technology IDT74FCT652ATSOB Datasheet HTML 3Page - Integrated Device Technology IDT74FCT652ATSOB Datasheet HTML 4Page - Integrated Device Technology IDT74FCT652ATSOB Datasheet HTML 5Page - Integrated Device Technology IDT74FCT652ATSOB Datasheet HTML 6Page - Integrated Device Technology IDT74FCT652ATSOB Datasheet HTML 7Page - Integrated Device Technology IDT74FCT652ATSOB Datasheet HTML 8Page - Integrated Device Technology IDT74FCT652ATSOB Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
IDT54/74FCT646/2646/652/2652T/AT/CT/DT, 648T/AT/CT
FAST CMOS OCTAL TRANSCEIVER/REGISTER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.20
7
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
2634 tbl 09
NOTES:
2634 tbl 10
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. GAB,
GBA to Bus for 652.
4. This parameter is guaranteed but not tested.
646/648/652T
2646/2652T
646/648/652AT
2646/2652AT
Com'l.
Mil.
Com'l.
Mil.
Symbol
Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
tPHL
Propagation Delay
Bus to Bus
CL = 50pF
RL = 500
Ω
2.0
9.0
2.0
11.0
2.0
6.3
2.0
7.7
ns
tPZH
tPZL
Output Enable Time,
G,
DIR to Bus(3)
2.0
14.0
2.0
15.0
2.0
9.8
2.0
10.5
ns
tPHZ
tPLZ
Output Disable Time,
G,
DIR to Bus(3)
2.0
9.0
2.0
11.0
2.0
6.3
2.0
7.7
ns
tPLH
tPHL
Propagation Delay
Clock to Bus
2.0
9.0
2.0
10.0
2.0
6.3
2.0
7.0
ns
tPLH
tPHL
Propagation Delay SBA or
SAB to Bus
2.0
11.0
2.0
12.0
2.0
7.7
2.0
8.4
ns
tSU
Set-up Time HIGH or LOW
Bus to Clock
4.0
—
4.5
—
2.0
—
2.0
—
ns
tH
Hold Time HIGH or LOW
Bus to Clock
2.0
—
2.0
—
1.5
—
1.5
—
ns
tW
Clock Pulse Width,
HIGH or LOW
6.0
—
6.0
—
5.0
—
5.0
—
ns
646/648/652CT
2646/2652CT
646/652DT
Com'l.
Mil.
Com'l.
Mil.
Symbol
Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
tPHL
Propagation Delay
Bus to Bus
CL = 50pF
RL = 500
Ω
1.5
5.4
1.5
6.0
1.5
4.4
—
—
ns
tPZH
tPZL
Output Enable Time,
G,
DIR to Bus(3)
1.5
7.8
1.5
8.9
1.5
5.0
—
—
ns
tPHZ
tPLZ
Output Disable Time,
G,
DIR to Bus(3)
1.5
6.3
1.5
7.7
1.5
4.3
—
—
ns
tPLH
tPHL
Propagation Delay
Clock to Bus
1.5
5.7
1.5
6.3
1.5
4.4
—
—
ns
tPLH
tPHL
Propagation Delay SBA or
SAB to Bus
1.5
6.2
1.5
7.0
1.5
5.0
—
—
ns
tSU
Set-up Time HIGH or LOW
Bus to Clock
2.0
—
2.0
—
1.5
—
—
—
ns
tH
Hold Time HIGH or LOW
Bus to Clock
1.5
—
1.5
—
1.0
—
—
—
ns
tW
Clock Pulse Width,
HIGH or LOW(4)
5.0
—
5.0
—
3.0
—
—
—
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com