Electronic Components Datasheet Search
  English  ▼

X  

CD4060BMS Datasheet(PDF) 4 Page - Intersil Corporation

Part # CD4060BMS
Description  CMOS 14 Stage Ripple-Carry Binary Counter/Divider and Oscillator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4060BMS Datasheet(HTML) 4 Page - Intersil Corporation

  CD4060BMS Datasheet HTML 1Page - Intersil Corporation CD4060BMS Datasheet HTML 2Page - Intersil Corporation CD4060BMS Datasheet HTML 3Page - Intersil Corporation CD4060BMS Datasheet HTML 4Page - Intersil Corporation CD4060BMS Datasheet HTML 5Page - Intersil Corporation CD4060BMS Datasheet HTML 6Page - Intersil Corporation CD4060BMS Datasheet HTML 7Page - Intersil Corporation CD4060BMS Datasheet HTML 8Page - Intersil Corporation CD4060BMS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
7-952
Specifications CD4060BMS
Output Current
(Source)
(Excluding pins 9 & 10)
IOH15
VDD =15V, VOUT = 13.5V
1, 2
+125oC
-
-2.4
mA
-55oC
-
-4.2
mA
Input Voltage Low
VIL
VDD = 10V, VOH > 9V,
VOL < 1V
1, 2
+25oC, +125oC,
-55oC
-3
V
Input Voltage High
VIH
VDD = 10V, VOH > 9V,
VOL < 1V
1, 2
+25oC, +125oC,
-55oC
+7
-
V
Drive Current at Pin 9
Oscillator Design
IOL
VDD = 5V, VO = .4V
3
+25oC
0.16
-
mA
VDD = 10V, VO = .5V
3
+25oC
0.42
-
mA
VDD = 15V, VO = 1.5V
3
+25oC
-1.0
-
mA
Drive Current at Pin 9
Oscillator Design
IOH
VDD = 5V
1, 2, 3
+25oC
-
-.16
mA
VDD = 10V
1, 2, 3
+25oC
-
-.42
mA
VDD = 15V
1, 2, 3
+25oC
-
1.0
mA
Propagation Delay
Input Pulse øI to Q4
TPHL1
TPLH1
VDD = 10V
1, 2, 3
+25oC
-
300
ns
VDD = 15V
1, 2, 3
+25oC
-
200
ns
Propagation Delay
QN to QN + 1
TPHL2
TPLH2
VDD = 10V
1, 2, 3
+25oC
-
100
ns
VDD = 15V
1, 2, 3
+25oC
-
80
ns
Propagation Delay
RESET
TPHL3
VDD = 10V
1, 2, 3
+25oC
-
160
ns
VDD = 15V
1, 2, 3
+25oC
-
100
ns
Transition Time
TTHL
TTLH
VDD = 10V
1, 2, 3
+25oC
-
100
ns
VDD = 15V
1, 2, 3
+25oC
-
80
ns
Maximum Input Pulse
Frequency
FØI
VDD = 10V
1, 2, 3
+25oC
8
-
MHz
VDD = 15V
1, 2, 3
+25oC
12
-
MHz
Minimum RESET Pulse
Width
TW
VDD = 5V
1, 2, 3
+25oC
-
120
ns
VDD = 10V
1, 2, 3
+25oC
-
60
ns
VDD = 15V
1, 2, 3
+25oC
-
40
ns
Minimum Input Pulse
Width
F = 100kHz
TW
VDD = 5V
1, 2, 3
+25oC
-
100
ns
VDD = 10V
1, 2, 3
+25oC
-
40
ns
VDD = 15V
1, 2, 3
+25oC
-
30
ns
RC Operation RX Max
RX
VDD = 5V, CX = 10
µF
2, 3
+25oC
-
20
M
Ω
VDD = 10V, CX = 50
µF
2, 3
+25oC
-
20
M
Ω
VDD = 15V, CX = 10
µF
2, 3
+25oC
-
10
M
Ω
RC Operation CX Max
CX
VDD = 5V, RX = 500k
Ω
2, 3
+25oC
-
1000
µF
VDD = 10V, RX = 300k
Ω
2, 3
+25oC-
50
µF
VDD = 15V, RX = 300k
Ω
2, 3
+25oC-
50
µF
Maximum Oscillator
Frequency (Note 4)
RX = 5k
Ω
CX = 15pF
VDD = 10V
2, 3
+25oC
530
810
ns
VDD = 15V
2, 3
+25oC
690
940
ns
RC Operation Variation
of Frequency
(Unit-to-Unit)
CX = 200pF
RS = 560K
RX = 50k
VDD = 5V
2, 3
+25oC
18
25
kHz
VDD = 10V
2, 3
+25oC
20
26
kHz
VDD = 15V
2, 3
+25oC
21.1
27
kHz
Variation of Frequency
with Voltage Change
(Same Unit)
CX = 200pF
RS = 560K
RX = 50k
5V to 10V
2, 3
+25oC
-
2
kHz
10V to 15V
2, 3
+25oC
-
1
kHz
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued)
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com