Electronic Components Datasheet Search
  English  ▼

X  

CD4060BMS Datasheet(PDF) 1 Page - Intersil Corporation

Part # CD4060BMS
Description  CMOS 14 Stage Ripple-Carry Binary Counter/Divider and Oscillator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4060BMS Datasheet(HTML) 1 Page - Intersil Corporation

  CD4060BMS Datasheet HTML 1Page - Intersil Corporation CD4060BMS Datasheet HTML 2Page - Intersil Corporation CD4060BMS Datasheet HTML 3Page - Intersil Corporation CD4060BMS Datasheet HTML 4Page - Intersil Corporation CD4060BMS Datasheet HTML 5Page - Intersil Corporation CD4060BMS Datasheet HTML 6Page - Intersil Corporation CD4060BMS Datasheet HTML 7Page - Intersil Corporation CD4060BMS Datasheet HTML 8Page - Intersil Corporation CD4060BMS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
7-949
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
CD4060BMS
CMOS 14 Stage Ripple-Carry
Binary Counter/Divider and Oscillator
Pinout
Functional Diagram
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
Q12
Q13
Q14
Q6
Q5
Q7
VSS
Q4
VDD
Q8
Q9
RESET
øI
ø0
ø0
Q10
7
14 STAGE
RIPPLE
COUNTER
AND
OSCILLATOR
5
4
6
14
13
15
1
2
3
9
10
11
12
Q4
Q5
Q6
Q7
Q8
Q9
Q10
Q12
Q13
Q14
R
øI
ø0
ø0
VSS = 8
VDD = 16
Features
• High Voltage Type (20V Rating)
• Common Reset
• 12MHz Clock Rate at 15V
• Fully Static Operation
• Buffered Inputs and Outputs
• Schmitt Trigger Input Pulse Line
• Standardized, Symmetrical Output Characteristics
• 100% Tested for Quiescent Current at 20V
• 5V, 10V and 15V Parametric Ratings
• Meets All Requirements of JEDEC Tentative Standard
No. 13B, “Standard Specifications for Description of
‘B’ Series CMOS Devices”
Oscillator Features
• All Active Components on Chip
• RC or Crystal Oscillator Configuration
• RC Oscillator Frequency of 690kHz Min. at 15V
Applications
• Control counters
• Timers
• Frequency Dividers
• Time Delay Circuits
Description
CD4060BMS consists of an oscillator section and 14 ripple
carry binary counter stages. The oscillator configuration allows
design of either RC or crystal oscillator circuits. A RESET input
is provided which resets the counter to the all O’s state and dis-
ables the oscillator. A high level on the RESET line accom-
plishes the reset function. All counter stages are master slave
flip-flops. The state of the counter is advanced one step in
binary order on the negative transition of øI (and ø0). All inputs
and outputs are fully buffered. Schmitt trigger action on the
input pulse line permits unlimited input pulse rise and fall times.
The CD4060BMS is supplied in these 16 lead outline pack-
ages:
Braze Seal DIP
H4W
Frit Seal DIP
H1F
Ceramic Flatpack
H6W
December 1992
File Number
3317


Similar Part No. - CD4060BMS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CD4060BMS RENESAS-CD4060BMS Datasheet
405Kb / 9P
CMOS 14 Stage Ripple-Carry Binary Counter/Divider and Oscillator
December 1992
More results

Similar Description - CD4060BMS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4060B PHILIPS-HEF4060B Datasheet
110Kb / 7P
14-stage ripple-carry binary counter/divider and oscillator
January 1995
logo
System Logic Semiconduc...
SL4060B SLS-SL4060B Datasheet
39Kb / 5P
14-Stage Ripple-Carry Binary Counter/Divider and Oscillator
logo
Micro Electronics
MMC4060 MICRO-ELECTRONICS-MMC4060 Datasheet
164Kb / 4P
14 STAGE RIPPLE CARRY BINARY COUNTER / DIVIDER AND OSCILLATOR
logo
STMicroelectronics
HCF4060B STMICROELECTRONICS-HCF4060B Datasheet
230Kb / 10P
14-STAGE RIPPLE CARRY BINARY COUNTER/DIVIDER AND OSCILLATOR
Aug-2003
logo
Texas Instruments
CD4060BPW TI-CD4060BPW Datasheet
1Mb / 27P
CMOS 14-STAGE Ripple-Carry Binary Counter/Divider and Oscillator
logo
STMicroelectronics
HCF4060 STMICROELECTRONICS-HCF4060_13 Datasheet
625Kb / 15P
14-stage ripple carry binary counter/divider and oscillator
02-May-2013
logo
Unisonic Technologies
UCD4060B UTC-UCD4060B Datasheet
241Kb / 9P
CMOS 14-Stage Ripple-Carry Binary Counter/Divider and Oscillator
logo
NXP Semiconductors
HEF4060BP652 PHILIPS-HEF4060BP652 Datasheet
115Kb / 7P
14-stage ripple-carry binary counter/divider and oscillator
January 1995
logo
Renesas Technology Corp
CD4060BMS RENESAS-CD4060BMS Datasheet
405Kb / 9P
CMOS 14 Stage Ripple-Carry Binary Counter/Divider and Oscillator
December 1992
logo
Nexperia B.V. All right...
HEF4060B NEXPERIA-HEF4060B Datasheet
255Kb / 14P
14-stage ripple-carry binary counter/divider and oscillator
Rev. 10 - 8 November 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com