Electronic Components Datasheet Search
  English  ▼

X  

AD8003 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8003
Description  Triple, 1.5 GHz Op Amp
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8003 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8003 Datasheet HTML 7Page - Analog Devices AD8003 Datasheet HTML 8Page - Analog Devices AD8003 Datasheet HTML 9Page - Analog Devices AD8003 Datasheet HTML 10Page - Analog Devices AD8003 Datasheet HTML 11Page - Analog Devices AD8003 Datasheet HTML 12Page - Analog Devices AD8003 Datasheet HTML 13Page - Analog Devices AD8003 Datasheet HTML 14Page - Analog Devices AD8003 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
AD8003
Data Sheet
Rev. C | Page 10 of 16
–5
–4
–3
–2
–1
0
1
2
3
4
–60
–40
–20
0
20
60
80
5
VCM (V)
40
VS =±5V
VS =+5V
Figure 28. Offset Voltage vs. Input Common-Mode Range
–5
–4
–3
–2
–1
0
1
2
3
4
–10
–8
–6
–4
–2
0
2
4
6
8
10
5
VOUT (V)
VS = ±5V
VS = +5V
Figure 29. Inverting Input Bias Current Linearity
G= +2
RL =150Ω
VS =±5V
0
1
9
8
7
2
6
3
5
4
10
–5
5
POWERDOWNPINVOLTAGE (VDIS (V))
–300
–250
150
–200
100
–50
–100
–150
50
0
200
IDIS
ICC
–4
–3
–2
–1
01234
Figure 30. POWER DOWN Pin Current and Supply Current vs.
POWER DOWN Pin Voltage
–5
–4
–3
–2
–1
0
1
2
3
4
–20
–15
–10
–5
0
5
15
20
5
VCM (V)
10
VS =±5V
VS =+5V
Figure 31. Noninverting Input Bias Current vs. Common-Mode Range
G= +2
RL =150Ω
VIN =0.5V dc
0
5
4
1
3
2
6
01.0
TIME (µs)
VDIS (VS = ±5V)
VOUT (VS = ±5V)
VOUT (VS = ±5V)
VOUT (VS = +5V)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
VDIS (VS = +5V)
VOUT (VS = +5V)
Figure 32. Disable Switching Time for Various Supplies
G= +2
RL =150Ω
VS =5V
0
1
9
8
7
2
6
3
5
4
10
05.0
POWERDOWNPINVOLTAGE (VDIS (V))
–60
–50
30
–40
20
–10
–20
–30
10
0
40
IDIS
ICC
0.51.01.52.02.53.03.54.04.5
Figure 33. POWER DOWN Pin Current and Supply Current vs.
POWER DOWN Pin Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com