Electronic Components Datasheet Search
  English  ▼

X  

AD8003 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8003
Description  Triple, 1.5 GHz Op Amp
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8003 Datasheet(HTML) 3 Page - Analog Devices

  AD8003 Datasheet HTML 1Page - Analog Devices AD8003 Datasheet HTML 2Page - Analog Devices AD8003 Datasheet HTML 3Page - Analog Devices AD8003 Datasheet HTML 4Page - Analog Devices AD8003 Datasheet HTML 5Page - Analog Devices AD8003 Datasheet HTML 6Page - Analog Devices AD8003 Datasheet HTML 7Page - Analog Devices AD8003 Datasheet HTML 8Page - Analog Devices AD8003 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
AD8003
Data Sheet
Rev. C | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Connection Diagram ....................................................................... 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications with ±5 V Supply..................................................... 3
Specifications with +5 V Supply..................................................... 4
Absolute Maximum Ratings............................................................ 5
Thermal Resistance ...................................................................... 5
ESD Caution.................................................................................. 5
Typical Performance Characteristics ............................................. 6
Applications Information .............................................................. 12
Gain Configurations .................................................................. 12
RGB Video Driver...................................................................... 12
Printed Circuit Board Layout ....................................................... 13
Low Distortion Pinout............................................................... 13
Signal Routing............................................................................. 13
Exposed Paddle........................................................................... 13
Power Supply Bypassing............................................................ 13
Grounding................................................................................... 14
Outline Dimensions....................................................................... 15
Ordering Guide .......................................................................... 15
REVISION HISTORY
3/14—Rev. B to Rev. C
Changed LFCSP_VQ to LFCSP_WQ (Throughout)................... 1
Added EPAD Note to Figure 1........................................................ 1
Updated Outline Dimensions....................................................... 15
Changes to Ordering Guide .......................................................... 15
9/08—Rev. A to Rev. B
Changes Applications Section......................................................... 1
Changes to Ordering Guide .......................................................... 15
2/06—Rev. 0 to Rev. A
Changes to Figure 34...................................................................... 11
10/05—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com