Electronic Components Datasheet Search
  English  ▼

X  

CDP1802BC Datasheet(PDF) 1 Page - Intersil Corporation

Part # CDP1802BC
Description  CMOS 8-Bit Microprocessors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1802BC Datasheet(HTML) 1 Page - Intersil Corporation

  CDP1802BC Datasheet HTML 1Page - Intersil Corporation CDP1802BC Datasheet HTML 2Page - Intersil Corporation CDP1802BC Datasheet HTML 3Page - Intersil Corporation CDP1802BC Datasheet HTML 4Page - Intersil Corporation CDP1802BC Datasheet HTML 5Page - Intersil Corporation CDP1802BC Datasheet HTML 6Page - Intersil Corporation CDP1802BC Datasheet HTML 7Page - Intersil Corporation CDP1802BC Datasheet HTML 8Page - Intersil Corporation CDP1802BC Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
3-3
Features
• Maximum Input Clock Maximum Frequency Options
At VDD = 5V
- CDP1802A, AC . . . . . . . . . . . . . . . . . . . . . . . . . 3.2MHz
- CDP1802BC. . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.0MHz
• Maximum Input Clock Maximum Frequency Options
At VDD = 10V
- CDP1802A, AC . . . . . . . . . . . . . . . . . . . . . . . . . 6.4MHz
• Minimum Instruction Fetch-Execute Times
At VDD = 5V
- CDP1802A, AC . . . . . . . . . . . . . . . . . . . . . . . . . . 5.0
µs
- CDP1802BC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.2
µs
• Any Combination of Standard RAM and ROM Up to
65,536 Bytes
•8-Bit Parallel Organization With Bidirectional Data Bus
and Multiplexed Address Bus
• 16 x 16 Matrix of Registers for Use as Multiple
Program Counters, Data Pointers, or Data Registers
•On-Chip DMA, Interrupt, and Flag Inputs
• Programmable Single-Bit Output Port
• 91 Easy-to-Use Instructions
Description
The CDP1802 family of CMOS microprocessors are 8-bit
register oriented central processing units (CPUs) designed
for use as general purpose computing or control elements in
a wide range of stored program systems or products.
The CDP1802 types include all of the circuits required for
fetching, interpreting, and executing instructions which have
been stored in standard types of memories. Extensive
input/output (I/O) control features are also provided to facili-
tate system design.
The 1800 series architecture is designed with emphasis on
the total microcomputer system as an integral entity so that
systems having maximum flexibility and minimum cost can
be realized. The 1800 series CPU also provides a synchro-
nous interface to memories and external controllers for I/O
devices, and minimizes the cost of interface controllers. Fur-
ther, the I/O interface is capable of supporting devices oper-
ating in polled, interrupt driven, or direct memory access
modes.
The CDP1802A and CDP1802AC have a maximum input
clock frequency of 3.2MHz at VDD = 5V. The CDP1802A and
CDP1802AC are functionally identical. They differ in that the
CDP1802A has a recommended operating voltage range of
4V to 10.5V, and the CDP1802AC a recommended operat-
ing voltage range of 4V to 6.5V.
The CDP1802BC is a higher speed version of the
CDP1802AC, having a maximum input clock frequency of
5.0MHz at VDD = 5V, and a recommended operating voltage
range of 4V to 6.5V.
Ordering Information
PART NUMBER
TEMPERATURE RANGE
PACKAGE
PKG. NO.
5V - 3.2MHz
5V - 5MHz
CDP1802ACE
CDP1802BCE
-40oC to +85oC
PDIP
E40.6
CDP1802ACEX
CDP1802BCEX
Burn-In
E40.6
CDP1802ACQ
CDP1802BCQ
-40oC to +85oC
PLCC
N44.65
CDP1802ACD
-
-40oC to +85oC
SBDIP
D40.6
CDP1802ACDX
CDP1802BCDX
Burn-In
D40.6
March 1997
File Number
1305.2
CDP1802A, CDP1802AC,
CDP1802BC
CMOS 8-Bit Microprocessors
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
[ /Title
(CDP1
802A,
CDP18
02AC,
CDP18
02BC)
/Sub-
ject
(CMO
S 8-
Bit
Micro-
proces-
sors)
/Autho
r ()
/Key-
words
(Inter-
sil
Corpo-
ration,
8-bit
micro-
proces-
sors, 8
bit
micro-
proces-
sors,
periph-
erals)
/Cre-
ator ()
/DOCI
NFO
pdf-
mark


Similar Part No. - CDP1802BC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1802BC INTERSIL-CDP1802BC Datasheet
240Kb / 28P
CMOS 8-Bit Microprocessors
March 1997
CDP1802BCDX INTERSIL-CDP1802BCDX Datasheet
240Kb / 28P
CMOS 8-Bit Microprocessors
March 1997
CDP1802BCE INTERSIL-CDP1802BCE Datasheet
240Kb / 28P
CMOS 8-Bit Microprocessors
March 1997
CDP1802BCEX INTERSIL-CDP1802BCEX Datasheet
240Kb / 28P
CMOS 8-Bit Microprocessors
March 1997
CDP1802BCQ INTERSIL-CDP1802BCQ Datasheet
240Kb / 28P
CMOS 8-Bit Microprocessors
March 1997
More results

Similar Description - CDP1802BC

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8085AH INTEL-8085AH Datasheet
664Kb / 20P
8 BIT HMOS MICROPROCESSORS
D8085AH INTEL-D8085AH Datasheet
1Mb / 20P
8-BIT HMOS MICROPROCESSORS
logo
Advanced Micro Devices
80C188 AMD-80C188 Datasheet
3Mb / 103P
CMOS High-Integration 16-Bit Microprocessors
logo
NEC
UPD70008 NEC-UPD70008 Datasheet
1Mb / 27P
8-BIT CMOS MICROPROCESSORS
logo
Intersil Corporation
CDP1802A INTERSIL-CDP1802A_1 Datasheet
240Kb / 28P
CMOS 8-Bit Microprocessors
March 1997
logo
Renesas Technology Corp
SH7011 RENESAS-SH7011 Datasheet
1Mb / 292P
CMOS single-chip microprocessors
logo
Freescale Semiconductor...
MC68000UM FREESCALE-MC68000UM Datasheet
1Mb / 189P
8-/16-/32-Bit Microprocessors User?셲 Manual
MC68HC000RC10 FREESCALE-MC68HC000RC10 Datasheet
1Mb / 189P
8-/16-/32-Bit Microprocessors User Manual
logo
Motorola, Inc
MC68HC000EI8 MOTOROLA-MC68HC000EI8 Datasheet
1Mb / 189P
8-/16-/32-Bit Microprocessors User?셲 Manual
logo
3M Electronics
8085AH 3M-8085AH Datasheet
1Mb / 21P
8-BIT HMOS MICROPROCESSORS
Rev C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com