Electronic Components Datasheet Search
  English  ▼

X  

CDP1802BC Datasheet(PDF) 17 Page - Intersil Corporation

Part # CDP1802BC
Description  CMOS 8-Bit Microprocessors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1802BC Datasheet(HTML) 17 Page - Intersil Corporation

Back Button CDP1802BC Datasheet HTML 13Page - Intersil Corporation CDP1802BC Datasheet HTML 14Page - Intersil Corporation CDP1802BC Datasheet HTML 15Page - Intersil Corporation CDP1802BC Datasheet HTML 16Page - Intersil Corporation CDP1802BC Datasheet HTML 17Page - Intersil Corporation CDP1802BC Datasheet HTML 18Page - Intersil Corporation CDP1802BC Datasheet HTML 19Page - Intersil Corporation CDP1802BC Datasheet HTML 20Page - Intersil Corporation CDP1802BC Datasheet HTML 21Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
3-19
Signal Descriptions
Bus 0 to Bus 7 (Data Bus)
8-bit bidirectional DATA BUS lines. These lines are used for
transferring data between the memory, the microprocessor,
and I/O devices.
N0 to N2 (I/O Control Lines)
Activated by an I/O instruction to signal the I/O control logic of
a data transfer between memory and I/O interface. These
lines can be used to issue command codes or device selec-
tion codes to the I/O devices (independently or combined with
the memory byte on the data bus when an I/O instruction is
being executed). The N bits are low at all times except when
an I/O instruction is being executed. During this time their
state is the same as the corresponding bits in the N register.
The direction of data flow is defined in the I/O instruction by bit
N3 (internally) and is indicated by the level of the MRD signal.
MRD = VCC: Data from I/O to CPU and Memory
MRD = VSS: Data from Memory to I/O
EF1 to EF4 (4 Flags)
These inputs enable the I/O controllers to transfer status
information to the processor. The levels can be tested by the
conditional branch instructions. They can be used in con-
junction with the INTERRUPT request line to establish inter-
rupt priorities. These flags can also be used by I/O devices
to “call the attention” of the processor, in which case the pro-
gram must routinely test the status of these flag(s). The
flag(s) are sampled at the beginning of every S1 cycle.
INTERRUPT, DMA-lN, DMA-OUT (3 I/O Requests)
These inputs are sampled by the CPU during the interval
between the leading edge of TPB and the leading edge of
TPA.
Interrupt Action - X and P are stored in T after executing
current instruction; designator X is set to 2; designator P is
set to 1; interrupt enable is reset to 0 (inhibit); and instruction
execution is resumed. The interrupt action requires one
machine cycle (S3).
DMA Action - Finish executing current instruction; R(0)
points to memory area for data transfer; data is loaded into
or read out of memory; and increment R(0).
NOTE: In the event of concurrent DMA and Interrupt requests,
DMA-lN has priority followed by DMA-OUT and then Interrupt.
SC0, SC1, (2 State Code Lines)
These outputs indicate that the CPU is: 1) fetching an
instruction, or 2) executing an instruction, or 3) processing a
DMA request, or 4) acknowledging an interrupt request. The
levels of state code are tabulated below. All states are valid
at TPA. H = VCC, L = VSS.
TPA, TPB (2 Timing Pulses)
Positive pulses that occur once in each machine cycle (TPB
follows TPA). They are used by I/O controllers to interpret
codes and to time interaction with the data bus. The trailing
edge of TPA is used by the memory system to latch the
higher-order byte of the 16-bit memory address. TPA is sup-
pressed in IDLE when the CPU is in the load mode.
NOTE: IDLE = “00” AT M(0000), BRANCH = “3707” AT M(8107), CL = 50pF
FIGURE 23. TYPICAL POWER DISSIPATION AS A FUNCTION OF CLOCK FREQUENCY FOR BRANCH INSTRUCTION AND IDLE
INSTRUCTION FOR ALL TYPES
Performance Curves (Continued)
TA = 25
oC
fCL, CLOCK INPUT FREQUENCY (MHz)
0.01
0.1
1
10
0.1
1
10
100
1000
VCC = VDD = 10V
BRANCH
IDLE
VCC = VDD = 5V
STATE TYPE
STATE CODE LINES
SC1
SC0
S0 (Fetch)
L
L
S1 (Execute)
L
H
S2 (DMA)
H
L
S3 (Interrupt)
H
H
CDP1802A, CDP1802AC, CDP1802BC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com