Electronic Components Datasheet Search
  English  ▼

X  

CDP6872 Datasheet(PDF) 9 Page - Intersil Corporation

Part # CDP6872
Description  Low Power Crystal Oscillator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP6872 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button CDP6872 Datasheet HTML 5Page - Intersil Corporation CDP6872 Datasheet HTML 6Page - Intersil Corporation CDP6872 Datasheet HTML 7Page - Intersil Corporation CDP6872 Datasheet HTML 8Page - Intersil Corporation CDP6872 Datasheet HTML 9Page - Intersil Corporation CDP6872 Datasheet HTML 10Page - Intersil Corporation CDP6872 Datasheet HTML 11Page - Intersil Corporation CDP6872 Datasheet HTML 12Page - Intersil Corporation CDP6872 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
CDP6872
FIGURE 11. SUPPLY CURRENT vs FREQUENCY
FIGURE 12. SUPPLY CURRENT vs FREQUENCY
FIGURE 13. SUPPLY CURRENT vs FREQUENCY
FIGURE 14. SUPPLY CURRENT vs FREQUENCY
FIGURE 15. DISABLED SUPPLY CURRENT vs FREQUENCY
FIGURE 16. DISABLE SUPPLY CURRENT vs FREQUENCY
Typical Performance Curves (Continued)
456
789
10
11
0
500
1000
1500
2000
2500
3000
FREQUENCY (MHz)
EN = 1, F1 = 0, F2 = 0, CL = 18pF, GENERATOR† (1VP-P)
VCC = +8V
VCC = +5V
01
234
5
6
0
200
400
600
800
1000
1200
1400
FREQUENCY (MHz)
VCC = +8V
EN = 1, F1 = 0, F2 =1, CL = 18pF, GENERATOR† (1VP-P)
VCC = +5V
VCC = +3V
0
100
200
300
400
500
600
700
800
900 1000 1100
0
50
100
150
200
250
300
FREQUENCY (kHz)
VCC = +8V
VCC = +5V
VCC = +3V
EN = 1, F1 = 1, F2 = 0, CL = 18pF, GENERATOR† (1VP-P)
0
1020
304050
6070
8090
100
110
0
10
20
30
40
50
FREQUENCY (kHz)
EN = 1, F1 = 0, F2 =1, CL = 18pF, GENERATOR† (1VP-P)
VCC = +8V
VCC = +5V
VCC = +3V
45678
9
10
11
0
50
100
150
200
250
EN = 0, F1 = 0, F2 = 0, CL = 18pF, GENERATOR† (1VP-P)
FREQUENCY (MHz)
VCC = +8V
VCC = +5V
VCC = +3V
01
23
45
6
30
40
50
60
70
80
90
100
110
120
EN = 0, F1 = 0, F2 = 1, CL = 18pF, GENERATOR† (1VP-P)
FREQUENCY (MHz)
VCC = +8V
VCC = +5V
VCC = +3V
†Refer to Test Circuit (Figure 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com