Electronic Components Datasheet Search
  English  ▼

X  

CDP6872 Datasheet(PDF) 11 Page - Intersil Corporation

Part # CDP6872
Description  Low Power Crystal Oscillator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP6872 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button CDP6872 Datasheet HTML 7Page - Intersil Corporation CDP6872 Datasheet HTML 8Page - Intersil Corporation CDP6872 Datasheet HTML 9Page - Intersil Corporation CDP6872 Datasheet HTML 10Page - Intersil Corporation CDP6872 Datasheet HTML 11Page - Intersil Corporation CDP6872 Datasheet HTML 12Page - Intersil Corporation CDP6872 Datasheet HTML 13Page - Intersil Corporation CDP6872 Datasheet HTML 14Page - Intersil Corporation CDP6872 Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
CDP6872
FIGURE 23. DUTY CYCLE vs TEMPERATURE
FIGURE 24. DUTY CYCLE vs TEMPERATURE
FIGURE 25. DUTY CYCLE vs FREQUENCY
FIGURE 26. DUTY CYCLE vs FREQUENCY
FIGURE 27. DUTY CYCLE vs FREQUENCY
FIGURE 28. DUTY CYCLE vs FREQUENCY
Typical Performance Curves (Continued)
-100
-50
0
50
100
150
30
35
40
45
50
55
60
FIN = 5MHz, F1 = 0, F2 = 0, CL = 30pF, VCC = 5V
TEMPERATURE (oC)
XTAL AT +25
oC
GENERATOR
† (1VP-P)
-100
-50
0
50
100
150
10
20
30
40
50
60
70
FIN = 100kHz, F1 = 1, F2 = 1, CL = 30pF, VCC = 5V
TEMPERATURE (oC)
GENERATOR
† (1VP-P)
XTAL AT +25
oC
0
45
50
55
60
65
70
F1 = F2 = 0, VDD = 5V, CL = 18pF, C1 = C2 = 0
FREQUENCY (MHz)
15
20
510
DATA COLLECTED USING CRYSTALS
AT EACH FREQUENCY
F1 = 0, F2 = 0 RECOMMENDED FOR 5MHz TO 10MHz RANGE
0
45
50
55
60
65
70
F1 = 0, F2 = 1, VDD = 5V, CL = 18pF, C1 = C2 = 0
FREQUENCY (MHz)
79
46
123
5
8
40
DATA COLLECTED USING CRYSTALS
AT EACH FREQUENCY
F1 = 0, F2 = 1 RECOMMENDED FOR 1MHz TO 5MHz RANGE
0
40
45
50
55
60
65
F1 = 1, F2 = 0, VDD = 5V, CL = 18pF, C1 = C2 = 0
FREQUENCY (kHz)
1500
2000
500
1000
2500
3000
3500
DATA COLLECTED USING CRYSTALS
AT EACH FREQUENCY
F1 = 1, F2 = 0 RECOMMENDED FOR 100kHz TO 1MHz RANGE
0
42
43
44
45
46
47
F1 = F2 = 1, VDD = 5V, CL = 18pF, C1 = C2 = 0
FREQUENCY (kHz)
150
200
50
100
41
40
DATA COLLECTED USING CRYSTALS
AT EACH FREQUENCY
F1 = 1, F2 = 1 RECOMMENDED
FOR 10kHz TO 100kHz RANGE
†Refer to Test Circuit (Figure 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com