Electronic Components Datasheet Search
  English  ▼

X  

A840 Datasheet(PDF) 3 Page - NEC

Part # A840
Description  NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD PACKAGE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

A840 Datasheet(HTML) 3 Page - NEC

  A840 Datasheet HTML 1Page - NEC A840 Datasheet HTML 2Page - NEC A840 Datasheet HTML 3Page - NEC A840 Datasheet HTML 4Page - NEC A840 Datasheet HTML 5Page - NEC A840 Datasheet HTML 6Page - NEC A840 Datasheet HTML 7Page - NEC A840 Datasheet HTML 8Page - NEC A840 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet P14556EJ1V0DS00
3
µµµµPA840TC
(2) Q2
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector Cutoff Current
ICBO
VCB = 10 V, IE = 0
−−
0.8
µA
Emitter Cutoff Current
IEBO
VEB = 1 V, IC = 0
−−
0.8
µA
DC Current Gain
hFE
VCE = 3 V, IC = 7 mA
Note 1
70
−
150
Gain Bandwidth Product
fT
VCE = 3 V, IC = 7 mA, f = 1 GHz
4.5
7.0
−
GHz
Feedback Capacitance
Cre
VCB = 3 V, IE = 0, f = 1 MHz
Note 2
−−
0.9
pF
Insertion Power Gain
|S21e|2
VCE = 3 V, IC = 7 mA, f = 1 GHz
10.0
12.0
−
dB
Noise Figure
NF
VCE = 3 V, IC = 7 mA, f = 1 GHz
−
1.4
2.7
dB
Notes 1. Pulse Measurement: PW
≤ 350
µs, Duty Cycle ≤ 2%
2. Collector to base capacitance when measured with capacitance meter (automatic balanced bridge
method), with emitter connected to guard pin of capacitance meter.
hFE CLASSIFICATION
Rank
FB
Marking
89
hFE Value of Q1
75 to 150
hFE Value of Q2
70 to 150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com