Electronic Components Datasheet Search
  English  ▼

X  

DG441 Datasheet(PDF) 6 Page - Intersil Corporation

Part # DG441
Description  Monolithic, Quad SPST, CMOS Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG441 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button DG441 Datasheet HTML 2Page - Intersil Corporation DG441 Datasheet HTML 3Page - Intersil Corporation DG441 Datasheet HTML 4Page - Intersil Corporation DG441 Datasheet HTML 5Page - Intersil Corporation DG441 Datasheet HTML 6Page - Intersil Corporation DG441 Datasheet HTML 7Page - Intersil Corporation DG441 Datasheet HTML 8Page - Intersil Corporation DG441 Datasheet HTML 9Page - Intersil Corporation DG441 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Application Information
FIGURE 6. PRECISION WEIGHTED RESISTOR
PROGRAMMABLE GAIN AMPLIFIER
FIGURE 7. OPEN LOOP SAMPLE AND HOLD
V
OUT
V
IN
----------------
R
1
R
2
R
3
R
4
+++
R
4
-------------------------------------------------
100 with SW
4 closed
==
+15V
-15V
FET INPUT
OP AMP
VIN
13
3
2
+15V
7
6
R3
4k
Ω
R2
5k
Ω
R1
90k
Ω
3
14
11
6
VOUT
GAIN ERROR IS DETERMINED ONLY BY THE RESISTOR TOLERANCE.
OP AMP OFFSET AND CMRR WILL LIMIT ACCURACY OF CIRCUIT.
2
1
15
16
10
9
7
8
GAIN1
AV = 1
GAIN2
AV = 10
GAIN3
AV = 20
GAIN4
AV = 100
V-
4
-15V
GND
5
R4
1k
Ω
4
+
-
+
-
VIN
1
0
1/4 DG442
SX
DX
+15V
-15V
CH
VOUT
INX
= SAMPLE
= HOLD
Typical Performance Curves
FIGURE 8. rDS(ON) vs VD AND POWER SUPPLY VOLTAGE
FIGURE 9. rDS(ON) vs VD AND TEMPERATURE
100
80
60
40
20
0
-20
0
20
VD (V)
±8V
±10V
±5V
±12V
±15V
±20V
80
70
60
50
40
30
20
10
0
-15
0
15
VD (V)
0oC
-40oC
-55oC
V+ = +15V
V- = -15V
125oC
85oC
25oC
DG441, DG442



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com