Electronic Components Datasheet Search
  English  ▼

X  

DG441 Datasheet(PDF) 7 Page - Intersil Corporation

Part # DG441
Description  Monolithic, Quad SPST, CMOS Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG441 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button DG441 Datasheet HTML 2Page - Intersil Corporation DG441 Datasheet HTML 3Page - Intersil Corporation DG441 Datasheet HTML 4Page - Intersil Corporation DG441 Datasheet HTML 5Page - Intersil Corporation DG441 Datasheet HTML 6Page - Intersil Corporation DG441 Datasheet HTML 7Page - Intersil Corporation DG441 Datasheet HTML 8Page - Intersil Corporation DG441 Datasheet HTML 9Page - Intersil Corporation DG441 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
FIGURE 10. rDS(ON) vs VD AND TEMPERATURE
(SINGLE 12V SUPPLY)
FIGURE 11. rDS(ON) vs VD AND SINGLE SUPPLY VOLTAGE
FIGURE 12. INPUT CURRENT vs TEMPERATURE
FIGURE 13. SUPPLY CURRENT vs TEMPERATURE
FIGURE 14. CROSSTALK AND OFF ISOLATION vs FREQUENCY
FIGURE 15. CHARGE INJECTION vs SOURCE VOLTAGE
Typical Performance Curves (Continued)
140
120
100
80
60
40
20
0
0
612
VD (V)
V+ = +12V
V- = 0V
0oC
40oC
-55oC
125oC
85oC
25oC
300
250
200
150
100
50
0
010
20
VD (V)
V- = 0V
V+ = +5V
+8V
+10V
+12V
+20V
+15V
105
104
103
102
10
1
0.1
-55
0
50
100
125
TEMPERATURE (oC)
105
104
103
102
10
1
0.1
-55
0
50
100
125
TEMPERATURE (oC)
0.01
0.001
I+, IGND
-(I-)
140
120
100
80
0
60
40
20
100
1K
10K
100K
1M
10M
FREQUENCY (Hz)
V+ = +15V
V- = -15V
PGEN = 10dBm
CROSSTALK
OFF ISOLATION
CL = 10nF
CL = 1nF
CL = 10nF
CL = 1nF
V+ = +15V
V- = -15V
SINGLE SUPPLY
V+ = +12V
V- = 0V
50
40
30
20
10
0
-10
-20
-30
VS (V)
-10
-5
0
5
10
DG441, DG442



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com