Electronic Components Datasheet Search
  English  ▼

X  

AD8178 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8178
Description  Video Crosspoint Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8178 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8178 Datasheet HTML 3Page - Analog Devices AD8178 Datasheet HTML 4Page - Analog Devices AD8178 Datasheet HTML 5Page - Analog Devices AD8178 Datasheet HTML 6Page - Analog Devices AD8178 Datasheet HTML 7Page - Analog Devices AD8178 Datasheet HTML 8Page - Analog Devices AD8178 Datasheet HTML 9Page - Analog Devices AD8178 Datasheet HTML 10Page - Analog Devices AD8178 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
AD8178
Rev. 0 | Page 7 of 40
ABSOLUTE MAXIMUM RATINGS
Table 12.
Parameter
Rating
Analog Supply Voltage (VPOS – VNEG)
6 V
Digital Supply Voltage (VDD – DGND)
6 V
Ground Potential Difference
(VNEG – DGND)
+0.5 V to –2.5 V
Maximum Potential Difference
(VDD – VNEG)
8 V
Common-Mode Analog Input Voltage
(VNEG – 0.5 V) to
(VPOS + 0.5 V)
Differential Analog Input Voltage
±2 V
Digital Input Voltage
VDD
Output Voltage
(Disabled Analog Output)
(VPOS – 1 V) to (VNEG + 1 V)
Output Short-Circuit Duration
Momentary
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature
(Soldering, 10 sec)
300°C
Junction Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θ
JA
is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 13. Thermal Resistance
Package Type
θJA
Unit
PBGA
15
°C/W
POWER DISSIPATION
The AD8178 is operated with ±2.5 V or +5 V supplies and can
drive loads down to 100 Ω, resulting in a large range of possible
power dissipations. For this reason, extra care must be taken
when derating the operating conditions based on ambient
temperature.
Packaged in a 676-lead BGA, the AD8178 junction-to-ambient
thermal impedance (θJA) is 15°C/W. For long-term reliability,
the maximum allowed junction temperature of the die should
not exceed 150°C. Temporarily exceeding this limit may cause
a shift in parametric performance due to a change in stresses
exerted on the die by the package. Exceeding a junction
temperature of 175°C for an extended period can result in
device failure. The curve in Figure 4 shows the range of allowed
internal die power dissipations that meet these conditions over
the −40°C to +85°C ambient temperature range. When using
Table 13, do not include external load power in the maximum
power calculation, but do include load current dropped on the
die output transistors.
AMBIENT TEMPERATURE (°C)
3
4
5
6
7
8
9
10
15
25
35
45
55
65
75
85
TJ = 150°C
Figure 4. Maximum Die Power Dissipation vs. Ambient Temperature
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com