Electronic Components Datasheet Search
  English  ▼

X  

AD8178 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8178
Description  Video Crosspoint Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8178 Datasheet(HTML) 3 Page - Analog Devices

  AD8178 Datasheet HTML 1Page - Analog Devices AD8178 Datasheet HTML 2Page - Analog Devices AD8178 Datasheet HTML 3Page - Analog Devices AD8178 Datasheet HTML 4Page - Analog Devices AD8178 Datasheet HTML 5Page - Analog Devices AD8178 Datasheet HTML 6Page - Analog Devices AD8178 Datasheet HTML 7Page - Analog Devices AD8178 Datasheet HTML 8Page - Analog Devices AD8178 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
AD8178
Rev. 0 | Page 3 of 40
SPECIFICATIONS
VS = ± 2.5 V at TA = 25°C, G = +4, RL = 100 Ω (each output), VBLK = 0 V, output CM voltage = 0 V, differential I/O mode, unless
otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
200 mV p-p
450
MHz
2 V p-p
420
MHz
Gain Flatness
0.1 dB, 200 mV p-p
17
MHz
Propagation Delay
2 V p-p
1.3
ns
Settling Time
1% , 2 V step
4
ns
Slew Rate, Differential Output
2 V step
1650
V/μs
2 V step, 10% to 90%
1450
V/μs
Slew Rate, RGB Common Mode
1 V step , 10% to 90%
300
V/μs
Slew Rate, HV Outputs
Rail-to-rail, TTL load
400
V/μs
NOISE/DISTORTION PERFORMANCE
Crosstalk, All Hostile
f = 5 MHz
−82
dB
f = 10 MHz
−74
dB
f = 100 MHz
−56
dB
f = 500 MHz
−47
dB
Off Isolation, Input-Output
f = 10 MHz, RL = 100 Ω, one channel
−90
dB
Input Voltage Noise
0.01 MHz to 50 MHz
50
nV/√Hz
DC PERFORMANCE
Gain Error
1
%
Gain Matching
R, G, B same channel
0.5
%
Gain Temperature Coefficient
32
ppm/°C
OUTPUT CHARACTERISTICS
Output Offset Voltage
CMENC on or off
20
mV
Temperature coefficient
58
μV/°C
Output Offset Voltage,
RGB Common Mode
CMENC on or off
10
mV
Temperature coefficient
−16
μV/°C
Output Impedance
Enabled, differential
1.5
Ω
Disabled, differential
2.7
kΩ
Output Disable Capacitance
Disabled
2
pF
Output Leakage Current
Disabled
1
μA
Output Voltage Range
No load, differential
4
V p-p
Output Current
Short circuit
45
mA
INPUT CHARACTERISTICS
Input Voltage Range,
Differential Mode
1
V p-p
Input Voltage Range,
Common Mode
VIN = 1 V p-p
±2.25
V p-p
CMR, RGB Input
ΔVOUT, DM/ΔVIN, CM, ΔVIN, CM = ±0.5 V, CMENC off
–62
dB
ΔVOUT, DM/ΔVIN, CM, ΔVIN, CM = ±0.5 V, CMENC on
−45
dB
CM Gain, RGB Input
ΔVOUT, CM/ΔVIN, CM, ΔVIN, CM = ±0.5 V CMENC off
−70
dB
ΔVOUT, CM/ΔVIN, CM, ΔVIN, CM = ±0.5 V, CMENC on
0
dB
Input Capacitance
Any switch configuration
2
pF
Input Resistance
Differential
3.33
kΩ
Input Offset Current
1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com