Electronic Components Datasheet Search
  English  ▼

X  

UPB1004GS Datasheet(PDF) 5 Page - NEC

Part # UPB1004GS
Description  REFERENCE FREQUENCY 16.368 MHz, 2ND IF FREQUENCY 4.092 MHz RF/IF FREQUENCY DOWN-CONVERTER PLL FREQUENCY SYNTHESIZER IC FOR GPS RECEIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPB1004GS Datasheet(HTML) 5 Page - NEC

  UPB1004GS Datasheet HTML 1Page - NEC UPB1004GS Datasheet HTML 2Page - NEC UPB1004GS Datasheet HTML 3Page - NEC UPB1004GS Datasheet HTML 4Page - NEC UPB1004GS Datasheet HTML 5Page - NEC UPB1004GS Datasheet HTML 6Page - NEC UPB1004GS Datasheet HTML 7Page - NEC UPB1004GS Datasheet HTML 8Page - NEC UPB1004GS Datasheet HTML 9Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Data Sheet P13860EJ3V0DS00
5
µµµµPB1005GS
ELECTRICAL CHARACTERISTICS (Unless otherwise specified, TA = +25
°°°°C, VCC = 3.0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Total Circuit Current
ICCtotal
ICC1 + ICC2 + ICC3 + ICC4
32.0
45.0
60.0
mA
RF Down-converter Block (fRFin = 1575.42 MHz, f1stLOin = 1636.80 MHz, PLOin =
−10 dBm, ZL = ZS = 50 Ω)
Circuit Current 1
ICC1
No Signals
6.0
10.0
14.0
mA
RF Conversion Gain
CGRF
PRFin =
−40 dBm
12.5
15.5
18.5
dB
RF-SSB Noise Figure
NFRF
PRFin =
−40 dBm
7
10
13
dB
Maximum IF Output Power
PO(sat)RF
PRFin =
−10 dBm
−5.5
−2.5
+0.5
dBm
IF Down-converter Block (f1stIFIn = 61.38 MHz, f2ndLOIn = 65.472 MHz, ZS = 50
Ω, ZL = 2 kΩ)
Circuit Current 2
ICC2
No Signals
3.4
5.3
7.2
mA
IF Voltage Conversion Gain
CG(GV)IF
at Maximum Gain, P1stIFin =
−50 dBm
38
41
44
dB
IF-SSB Noise Figure
NFIF
at Maximum Gain, P1stIFin =
−50 dBm
8.5
11.5
14.5
dB
Maximum 2nd IF Output
Power
PO(sat)IF
at Maximum Gain, P1stIFin =
−20 dBm
−9.5
−6.5
−3.5
dBm
Gain Control Voltage
VGC
Voltage at Maximum Gain of CGIF

1.0
V
Gain Control Range
DGC
P1stIFin =
−50 dBm
20

dB
2nd IF Amplifier (f2ndIF = 4.092 MHz, ZS = 50
Ω, ZL = 2 kΩ)
Circuit Current 3
ICC3
No Signals
1.55
2.40
3.25
mA
Voltage Gain
GV
P2ndIFin =
−60 dBm
37
40
43
dB
Maximum Output Power
PO(sat)
P2ndIFin =
−30 dBm
−14.5
−11.5
−8.5
dBm
PLL Synthesizer Block
Circuit Current 4
ICC4
PLL All Block Operating
18.5
28.5
38.5
mA
Phase Comparing
Frequency
fPD
PLL Loop
8.0
8.184
8.4
MHz
Reference Input Minimum
Level
VREFin
ZL = 10 k
Ω//20 pF (Impedance of
measurement equipment)
200

mVP-P
Loop Filter Output Level (H)
VLP(H)
2.8

V
Loop Filter Output Level (L)
VLP(L)

0.4
V
Reference Output Swing
VREFout
ZL = 10 k
Ω//2 pF (Impedance of
measurement equipment)
1.0

VP-P



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com