Electronic Components Datasheet Search
  English  ▼

X  

AD8191 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8191
Description  4:1 HDMI/DVI Switch with Equalization
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8191 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8191 Datasheet HTML 2Page - Analog Devices AD8191 Datasheet HTML 3Page - Analog Devices AD8191 Datasheet HTML 4Page - Analog Devices AD8191 Datasheet HTML 5Page - Analog Devices AD8191 Datasheet HTML 6Page - Analog Devices AD8191 Datasheet HTML 7Page - Analog Devices AD8191 Datasheet HTML 8Page - Analog Devices AD8191 Datasheet HTML 9Page - Analog Devices AD8191 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
AD8191
Rev. 0 | Page 6 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
2
IN_B0
3
IP_B0
4
AVEE
7
VTTI
6
IP_B1
5
IN_B1
1
AVCC
8
IN_B2
9
IP_B2
10
AVEE
12
IP_B3
13
AVCC
14
IN_A0
15
IP_A0
16
AVEE
17
IN_A1
18
IP_A1
19
VTTI
20
IN_A2
21
IP_A2
22
AVCC
23
IN_A3
24
IP_A3
25
AVEE
11
IN_B3
74
IP_C3
AVCC
73
IN_C3
72
AVEE
69
VTTI
70
IN_C2
71
IP_C2
75
68
IP_C1
67
IN_C1
66
AVEE
64
IN_C0
63
AVCC
62
IP_D3
61
IN_D3
60
AVEE
59
IP_D2
58
IN_D2
57
VTTI
56
IP_D1
55
IN_D1
54
AVCC
53
IP_D0
52
IN_D0
51
AVEE
65
IP_C0
PIN 1 INDICATOR
AD8191
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1, 13, 22, 54, 63, 75
AVCC
Power
Positive Analog Supply. 3.3 V nominal.
2
IN_B0
HS I
High Speed Input Complement.
3
IP_B0
HS I
High Speed Input.
4, 10, 16, 25, 51, 60, 66, 72
AVEE
Power
Negative Analog Supply. 0 V nominal.
5
IN_B1
HS I
High Speed Input Complement.
6
IP_B1
HS I
High Speed Input.
7, 19, 57, 69
VTTI
Power
Input Termination Supply. Nominally connected to AVCC.
8
IN_B2
HS I
High Speed Input Complement.
9
IP_B2
HS I
High Speed Input.
11
IN_B3
HS I
High Speed Input Complement.
12
IP_B3
HS I
High Speed Input.
14
IN_A0
HS I
High Speed Input Complement.
15
IP_A0
HS I
High Speed Input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com