Electronic Components Datasheet Search
  English  ▼

X  

AD8601 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8601
Description  Precision CMOS, Single-Supply, Rail-to-Rail
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8601 Datasheet(HTML) 1 Page - Analog Devices

  AD8601 Datasheet HTML 1Page - Analog Devices AD8601 Datasheet HTML 2Page - Analog Devices AD8601 Datasheet HTML 3Page - Analog Devices AD8601 Datasheet HTML 4Page - Analog Devices AD8601 Datasheet HTML 5Page - Analog Devices AD8601 Datasheet HTML 6Page - Analog Devices AD8601 Datasheet HTML 7Page - Analog Devices AD8601 Datasheet HTML 8Page - Analog Devices AD8601 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Precision CMOS, Single-Supply, Rail-to-Rail,
Input/Output Wideband Operational Amplifiers
AD8601/AD8602/AD8604
Rev. G
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2000–2011 Analog Devices, Inc. All rights reserved.
Rev. G
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2000–2011 Analog Devices, Inc. All rights reserved.
FEATURES
Low offset voltage: 500 μV maximum
Single-supply operation: 2.7 V to 5.5 V
Low supply current: 750 μA/Amplifier
Wide bandwidth: 8 MHz
Slew rate: 5 V/μs
Low distortion
No phase reversal
Low input currents
Unity-gain stable
Qualified for automotive applications
APPLICATIONS
Current sensing
Barcode scanners
PA controls
Battery-powered instrumentation
Multipole filters
Sensors
ASIC input or output amplifiers
Audio
GENERAL DESCRIPTION
The AD8601, AD8602, and AD8604 are single, dual, and quad
rail-to-rail, input and output, single-supply amplifiers featuring
very low offset voltage and wide signal bandwidth. These amplifiers
use a new, patented trimming technique that achieves superior
performance without laser trimming. All are fully specified to
operate on a 3 V to 5 V single supply.
The combination of low offsets, very low input bias currents,
and high speed make these amplifiers useful in a wide variety
of applications. Filters, integrators, diode amplifiers, shunt
current sensors, and high impedance sensors all benefit from
the combination of performance features. Audio and other ac
applications benefit from the wide bandwidth and low distortion.
For the most cost-sensitive applications, the D grades offer this
ac performance with lower dc precision at a lower price point.
Applications for these amplifiers include audio amplification for
portable devices, portable phone headsets, bar code scanners,
portable instruments, cellular PA controls, and multipole filters.
The ability to swing rail-to-rail at both the input and output
enables designers to buffer CMOS ADCs, DACs, ASICs, and
other wide output swing devices in single-supply systems.
PIN CONFIGURATIONS
OUT A 1
V– 2
+IN
3
V+
5
–IN
4
AD8601
TOP VIEW
(Not to Scale)
Figure 1. 5-Lead SOT-23 (RJ Suffix)
OUT A 1
–IN A 2
+IN A 3
V–
4
V+
8
OUT B
7
–IN B
6
+IN B
5
AD8602
TOP VIEW
(Not to Scale)
Figure 2. 8-Lead MSOP (RM Suffix) and 8-Lead SOIC (R-Suffix)
1
2
3
4
5
6
7
AD8604
–IN A
+IN A
V+
OUT B
–IN B
+IN B
OUT A
14
13
12
11
10
9
8
–IN D
+IN D
V–
OUT C
–IN C
+IN C
OUT D
TOP VIEW
(Not to Scale)
Figure 3. 14-Lead TSSOP (RU Suffix) and 14-Lead SOIC (R Suffix)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
–IN A
+IN A
V+
OUT B
–IN B
+IN B
OUT A
–IN D
+IN D
V–
OUT C
NC
NC
NC = NO CONNECT
–IN C
+IN C
OUT D
TOP VIEW
(Not to Scale)
AD8604
Figure 4. 16-Lead Shrink Small Outline QSOP (RQ Suffix)
The AD8601, AD8602, and AD8604 are specified over the
extended industrial (−40°C to +125°C) temperature range. The
AD8601, single, is available in a tiny, 5-lead SOT-23 package. The
AD8602, dual, is available in 8-lead MSOP and 8-lead, narrow
SOIC surface-mount packages. The AD8604, quad, is available
in 14-lead TSSOP, 14-lead SOIC, and 16-lead QSOP packages.
See the Ordering Guide for automotive grades.


Similar Part No. - AD8601

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8601 AD-AD8601 Datasheet
255Kb / 16P
Precision CMOS Single Supply Rail-to-Rail Input/Output Wideband Operational Amplifiers
REV.0
AD8601 AD-AD8601 Datasheet
290Kb / 20P
Precision CMOS Single-Supply Rail-to-Rail Input/Output Wideband Operational Amplifiers
REV. D
AD8601 AD-AD8601 Datasheet
395Kb / 24P
Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. I
AD8601ART AD-AD8601ART Datasheet
255Kb / 16P
Precision CMOS Single Supply Rail-to-Rail Input/Output Wideband Operational Amplifiers
REV.0
AD8601ART-R2 AD-AD8601ART-R2 Datasheet
290Kb / 20P
Precision CMOS Single-Supply Rail-to-Rail Input/Output Wideband Operational Amplifiers
REV. D
More results

Similar Description - AD8601

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8601 AD-AD8601 Datasheet
255Kb / 16P
Precision CMOS Single Supply Rail-to-Rail Input/Output Wideband Operational Amplifiers
REV.0
logo
Maxim Integrated Produc...
MAX4198-MAX4199 MAXIM-MAX4198-MAX4199 Datasheet
227Kb / 12P
Micropower, Single-Supply, Rail-to-Rail Precision Differential Amplifiers
Rev 0; 4/99
logo
Analog Devices
AD8601 AD-AD8601_03 Datasheet
290Kb / 20P
Precision CMOS Single-Supply Rail-to-Rail Input/Output Wideband Operational Amplifiers
REV. D
logo
Maxim Integrated Produc...
MAX4194 MAXIM-MAX4194_03 Datasheet
719Kb / 13P
Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
Rev 1; 6/03
logo
Analog Devices
AD8602ARZ AD-AD8602ARZ Datasheet
350Kb / 24P
Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
AD8601 AD-AD8601_11 Datasheet
356Kb / 24P
Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
AD8602AR-REEL7 AD-AD8602AR-REEL7 Datasheet
350Kb / 24P
Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
AD8602 AD-AD8602_15 Datasheet
350Kb / 24P
Precision CMOS, Single-Supply, Rail-to-Rail
Rev. G
AD8604 AD-AD8604_15 Datasheet
350Kb / 24P
Precision CMOS, Single-Supply, Rail-to-Rail
Rev. G
logo
Maxim Integrated Produc...
MAX4194 MAXIM-MAX4194_V01 Datasheet
362Kb / 13P
Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com