Electronic Components Datasheet Search
  English  ▼

X  

AD8601 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8601
Description  Precision CMOS, Single-Supply, Rail-to-Rail
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8601 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8601 Datasheet HTML 5Page - Analog Devices AD8601 Datasheet HTML 6Page - Analog Devices AD8601 Datasheet HTML 7Page - Analog Devices AD8601 Datasheet HTML 8Page - Analog Devices AD8601 Datasheet HTML 9Page - Analog Devices AD8601 Datasheet HTML 10Page - Analog Devices AD8601 Datasheet HTML 11Page - Analog Devices AD8601 Datasheet HTML 12Page - Analog Devices AD8601 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD8601/AD8602/AD8604
Rev. G | Page 9 of 24
120
45
0
–45
–90
90
135
180
225
270
315
360
100
80
60
40
20
0
–20
–40
–60
–80
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
VS = 5V
RL = NO LOAD
TA = 25°C
PHASE
GAIN
Figure 23. Open-Loop Gain and Phase vs. Frequency
40
20
0
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
VS = 3V
TA = 25°C
AV = 100
AV = 10
AV = 1
Figure 24. Closed-Loop Gain vs. Frequency
40
20
0
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
VS = 5V
TA = 25°C
AV = 100
AV = 10
AV = 1
Figure 25. Closed-Loop Gain vs. Frequency
3.0
2.5
2.0
1.5
1.0
0.5
0
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VS = 2.7V
VIN = 2.6V p-p
RL = 2kΩ
TA = 25°C
AV = 1
Figure 26. Closed-Loop Output Voltage Swing vs. Frequency
6
5
4
3
2
1
0
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VS = 5V
VIN = 4.9V p-p
RL = 2kΩ
TA = 25°C
AV = 1
Figure 27. Closed-Loop Output Voltage Swing vs. Frequency
160
140
200
180
120
100
80
60
40
20
0
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
VS = 3V
TA = 25°C
AV = 100
AV = 10
AV = 1
Figure 28. Output Impedance vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com