Electronic Components Datasheet Search
  English  ▼

X  

HA-490 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HA-490
Description  Precision Quad Comparators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-490 Datasheet(HTML) 2 Page - Intersil Corporation

  HA-490 Datasheet HTML 1Page - Intersil Corporation HA-490 Datasheet HTML 2Page - Intersil Corporation HA-490 Datasheet HTML 3Page - Intersil Corporation HA-490 Datasheet HTML 4Page - Intersil Corporation HA-490 Datasheet HTML 5Page - Intersil Corporation HA-490 Datasheet HTML 6Page - Intersil Corporation HA-490 Datasheet HTML 7Page - Intersil Corporation HA-490 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Absolute Maximum Ratings
Thermal Information
Supply Voltage (Between V+ and V- Terminals) . . . . . . . . . . . . 33V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .15V
Voltage Between VLOGIC+ and VLOGIC-. . . . . . . . . . . . . . . . . . .18V
Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
Power Dissipation (Notes 1, 2)
Operating Conditions
Temperature Range
HA-4900-2, HA-4902-2. . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
HA-4905-5 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 75oC
Thermal Resistance (Typical, Note 3)
θJA (oC/W) θJC (oC/W)
CERDIP Package . . . . . . . . . . . . . . . . .
85
25
PDIP Package . . . . . . . . . . . . . . . . . . .
90
N/A
SOIC Package . . . . . . . . . . . . . . . . . . .
100
N/A
Maximum Junction Temperature (Ceramic Package) . . . . . . .175oC
Maximum Junction Temperature (Plastic Package) . . . . . . . . .150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
Die Characteristics
Back Side Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . V-
Number of Transistors . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 137
Die Size . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 95 mils x 105 mils
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Maximum power dissipation, including output load, must be designed to maintain the junction temperature below 175oC for ceramic packages,
and below 150oC for plastic packages.
2. Total Power Dissipation (T.P.D.) is the sum of individual dissipation contributions of V+, V- and VLOGIC shown in curves of Power Dissipation
vs Supply Voltages (see Performance Curves). The calculated T.P.D. is then located on the graph of Maximum Allowable Package Dissipation
vs Ambient Temperature to determine ambient temperature operating limits imposed by the calculated T.P.D. (See Performance Curves). For
instance, the combination of +15V, -15V, +5V, 0V (V+, V-, VLOGIC+, VLOGIC-) gives a T.P.D. of 350mW, the combination +15V, -15V, +15V,
0V gives a T.P.D. of 450mW.
3.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
VSUPPLY = 15V, VLOGIC+ = 5V, VLOGIC- = GND
PARAMETER
TEMP
(oC)
HA-4900-2
-55oC to 125oC
HA-4902-2
-55oC to 125oC
HA-4905-5
0oC to 75oC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
INPUT CHARACTERISTICS
Offset Voltage (Note 4)
25
-
2
3
-
2
5
-
4
7.5
mV
Full
-
-
4
-
-
8
-
-
10
mV
Offset Current
25
-
10
25
-
10
35
-
25
50
nA
Full
-
-
35
-
-
45
-
-
70
nA
Bias Current (Note 5)
25
-
50
75
-
50
150
-
100
150
nA
Full
-
-
150
-
-
200
-
-
300
nA
Input Sensitivity (Note 6)
25
-
-
VIO +
0.3
--
VIO +
0.5
--
VIO +
0.5
mV
Full
-
-
VIO +
0.4
--
VIO +
0.6
--
VIO +
0.7
mV
Common Mode Range
Full
V-
-
(V+) -
2.4
V-
-
(V+) -
2.6
V-
-
(V+) -
2.4
V
Differential Input Resistance
25
-
250
-
-
250
-
-
250
-
M
Ω
TRANSFER CHARACTERISTICS
Large Signal Voltage Gain
25
-
400
-
-
400
-
-
400
-
kV/V
Response Time (tPD(0))
(Note 7)
25
-
130
200
-
130
200
-
130
200
ns
Response Time (tPD(1))
(Note 7)
25
-
180
215
-
180
215
-
180
215
ns
HA-4900, HA-4902, HA-4905



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com