Electronic Components Datasheet Search
  English  ▼

X  

HA-490 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HA-490
Description  Precision Quad Comparators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-490 Datasheet(HTML) 3 Page - Intersil Corporation

  HA-490 Datasheet HTML 1Page - Intersil Corporation HA-490 Datasheet HTML 2Page - Intersil Corporation HA-490 Datasheet HTML 3Page - Intersil Corporation HA-490 Datasheet HTML 4Page - Intersil Corporation HA-490 Datasheet HTML 5Page - Intersil Corporation HA-490 Datasheet HTML 6Page - Intersil Corporation HA-490 Datasheet HTML 7Page - Intersil Corporation HA-490 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
OUTPUT CHARACTERISTICS
Output Voltage Level
Logic “Low State” (VOL)
(Note 8)
Full
-
0.2
0.4
-
0.2
0.4
-
0.2
0.4
V
Logic “High State” (VOH)
(Note 8)
Full
3.5
4.2
-
3.5
4.2
-
3.5
4.2
-
V
Output Current
ISINK
Full
3.0
-
-
3.0
-
-
3.0
-
-
mA
ISOURCE
Full
3.0
-
-
3.0
-
-
3.0
-
-
mA
POWER SUPPLY CHARACTERISTICS
Supply Current, IPS (+)
25
-
6.5
20
-
6.5
20
-
7
20
mA
Supply Current, IPS (-)
25
-
4
8
-
4
8
-
5
8
mA
Supply Current, IPS (Logic)
25
-
3.5
4
-
3.5
4
-
3.5
4
mA
Supply Voltage Range
VLOGIC+ (Note 2)
Full
0
-
+15.0
0
-
+15.0
0
-
+15.0
V
VLOGIC- (Note 2)
Full
-15.0
-
0
-15.0
-
0
-15.0
-
0
V
NOTES:
4. Minimum differential input voltage required to ensure a defined output state.
5. Input bias currents are essentially constant with differential input voltages up to
±9V. With differential input voltages from ±9V to ±15V, bias cur-
rent on the more negative input can rise to approximately 500
µA. This will also cause higher supply currents.
6. VCM = 0V. Input sensitivity is the worst case minimum differential input voltage required to guarantee a given output logic state. This parameter
includes the effects of offset voltage and voltage gain.
7. For tPD(1); 100mV input step, -10mV overdrive. For tPD(0); -100mV input step, 10mV overdrive. Frequency ≈ 100Hz; Duty Cycle ≈ 50%; Invert-
ing input driven. See Figure 1 for Test Circuit. All unused inverting inputs tied to +5V.
8. For VOH and VOL:ISINK = ISOURCE = 3.0mA. For other values of VLOGIC; VOH (Min) = VLOGIC + -1.5V.
Electrical Specifications
VSUPPLY = 15V, VLOGIC+ = 5V, VLOGIC- = GND (Continued)
PARAMETER
TEMP
(oC)
HA-4900-2
-55oC to 125oC
HA-4902-2
-55oC to 125oC
HA-4905-5
0oC to 75oC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Test Circuit and Waveform
FIGURE 1.
DUT
-
+
+15V
+5V
-15V
VOUT
100mV
OVERDRIVE
tPD(0)
1.5V
tPD(0)
t = 0
VTH = 0V
INPUT
OUTPUT
100mV
OVERDRIVE
1.5V
tPD(1)
t = 0
VTH = 0V
tPD(1)
HA-4900, HA-4902, HA-4905



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com