Electronic Components Datasheet Search
  English  ▼

X  

HA-5222/883 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HA-5222/883
Description  Dual, Low Noise, Wideband, Precision Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-5222/883 Datasheet(HTML) 4 Page - Intersil Corporation

  HA-5222/883 Datasheet HTML 1Page - Intersil Corporation HA-5222/883 Datasheet HTML 2Page - Intersil Corporation HA-5222/883 Datasheet HTML 3Page - Intersil Corporation HA-5222/883 Datasheet HTML 4Page - Intersil Corporation HA-5222/883 Datasheet HTML 5Page - Intersil Corporation HA-5222/883 Datasheet HTML 6Page - Intersil Corporation HA-5222/883 Datasheet HTML 7Page - Intersil Corporation HA-5222/883 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3-172
Spec Number
511062-883
Specifications HA-5222/883
Minimum Closed Loop
Stable Gain
CLSG
RL = 1kΩ, CL = 50pF
1
-55oC to +125oC
1
-
V/V
Rise and Fall Time
tR, tF
VOUT = ±100mV
1, 4
+25oC
-
20
ns
-55oC to +125oC
-
35
ns
Overshoot
±OS
VOUT = ±100mV
1
+25oC
-
25
%
-55oC to +125oC
-
30
%
Power Consumption
PC
VOUT = 0V, IOUT = 0mA
1, 3
-55oC to +125oC
-
660
mW
NOTES:
1. Parameters listed in Table 3 are controlled via design or process parameters and are not directly tested at final production. These param-
eters are lab characterized upon initial design release, or upon design changes. These parameters are guaranteed by characterization
based upon data from multiple production runs which reflect lot to lot and within lot variation.
2. Full Power Bandwidth guarantee based on Slew Rate measurement using FPBW = Slew Rate/(2
πV
PEAK).
3. Power Consumption based upon Quiescent Supply Current test maximum. (No load on outputs.).
4. Measured between 10% and 90% points.
5. Input Noise Voltage Density and Input Noise Current Density limits are based on characterization data.
TABLE 4. ELECTRICAL TEST REQUIREMENTS
MIL-STD-883 TEST REQUIREMENTS
SUBGROUPS (SEE TABLE 1)
Interim Electrical Parameters (Pre Burn-In)
1
Final Electrical Test Parameters
1 (Note 1), 2, 3, 4, 5, 6
Group A Test Requirements
1, 2, 3, 4, 5, 6
Groups C and D Endpoints
1
NOTE:
1. PDA applies to Subgroup 1 only.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTIC (Continued)
Device Characterized at: VSUPPLY = ±15V, RLOAD = 1kΩ, Unless Otherwise Specified.
PARAMETERS
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com