Electronic Components Datasheet Search
  English  ▼

X  

HA-5222/883 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HA-5222/883
Description  Dual, Low Noise, Wideband, Precision Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-5222/883 Datasheet(HTML) 6 Page - Intersil Corporation

  HA-5222/883 Datasheet HTML 1Page - Intersil Corporation HA-5222/883 Datasheet HTML 2Page - Intersil Corporation HA-5222/883 Datasheet HTML 3Page - Intersil Corporation HA-5222/883 Datasheet HTML 4Page - Intersil Corporation HA-5222/883 Datasheet HTML 5Page - Intersil Corporation HA-5222/883 Datasheet HTML 6Page - Intersil Corporation HA-5222/883 Datasheet HTML 7Page - Intersil Corporation HA-5222/883 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DESIGN INFORMATION (Continued)
The information contained in this section has been developed through characterization by Harris Semiconductor and is for use as application
and design information only. No guarantee is implied.
3-174
HA-5222
Typical Performance Curves Unless Otherwise Specified: T
A = +25
oC, V
SUPPLY = ±15V
SUPPLY CURRENT/AMPLIFIER vs TEMPERATURE
CHANNEL SEPARATION vs FREQUENCY
TYPICAL PERFORMANCE CHARACTERISTICS
Device Characterized at: Supply Voltage =
±15V, R
L = 1kΩ, CL = 50pF, Unless Otherwise Specified
PARAMETERS
CONDITIONS
TEMPERATURE
TYPICAL
UNITS
Input Offset Voltage
See Table 1
+25oC
0.30
mV
Full
0.35
mV
Average Offset Voltage Drift
See Table 1
Full
0.50
µV/oC
Input Bias Current
See Table 1
+25oC40
nA
Full
70
nA
Input Offset Current
See Table 1
+25oC15
nA
Full
30
nA
Differential Input Resistance
See Table 1
+25oC70
k
Ω
Input Noise Voltage
fO = 0.1Hz to 10Hz
+25oC
0.33
µV
P-P
Input Noise Voltage Density
fO = 10Hz
+25oC
6.4
nV/
√Hz
fO = 100Hz
+25oC
3.7
nV/
√Hz
fO = 1kHz
+25oC
3.3
nV/
√Hz
Input Noise Current Density
fO = 10Hz
+25oC
8
pA/
√Hz
fO = 100Hz
+25oC
2.7
pA/
√Hz
fO = 1kHz
+25oC
1.3
pA/
√Hz
THD & N
See Note 1
+25oC
0.005
%
Large Signal Voltage Gain
VOUT = 0V to ±10V
+25oC
128
dB
Full
120
dB
Spec Number
511062-883



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com