Electronic Components Datasheet Search
  English  ▼

X  

HA2556/883 Datasheet(PDF) 17 Page - Intersil Corporation

Part # HA2556/883
Description  Wideband Four Quadrant Analog Multiplier (Voltage Output)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA2556/883 Datasheet(HTML) 17 Page - Intersil Corporation

Back Button HA2556/883 Datasheet HTML 12Page - Intersil Corporation HA2556/883 Datasheet HTML 13Page - Intersil Corporation HA2556/883 Datasheet HTML 14Page - Intersil Corporation HA2556/883 Datasheet HTML 15Page - Intersil Corporation HA2556/883 Datasheet HTML 16Page - Intersil Corporation HA2556/883 Datasheet HTML 17Page - Intersil Corporation HA2556/883 Datasheet HTML 18Page - Intersil Corporation HA2556/883 Datasheet HTML 19Page - Intersil Corporation HA2556/883 Datasheet HTML 20Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
DESIGN INFORMATION (Continued)
The information contained in this section has been developed through characterization by Intersil Semiconductor and is for use as
application and design information only. No guarantee is implied.
8-23
HA2556
Well, OK a multiplier can’t do nonintegral roots “exactly” but
we can get very close. We can approximate nonintegral
roots with equations of the form:
Figure 18 compares the function VOUT = VIN
0.7 to the
approximation VOUT = 0.5VIN
0.5 + 0.5V
IN.
FIGURE 18. COMPARE APPROXIMATION TO NONINTEGRAL
ROOT
This function can be easily built using an HA-2556 and a
potentiometer for easy adjustment as shown in Figures 19
and 20. If a fixed nonintegral power is desired, the circuit
shown in Figure 21 eliminates the need for the output buffer
amp. These circuits approximate the function V
IN
M
where M
is the desired nonintegral power or root.
FIGURE 19. NONINTEGRAL ROOTS - ADJUSTABLE
V
o
1
α
–
() V
IN
2
αV
IN
+
=
V
o
1
α
–
() V
IN
12
⁄
αV
IN
+
=
0
0.2
0.4
0.6
0.8
1
0
0.2
0.4
0.6
0.8
1
INPUT (V)
X
X0.7
0.5X0.5+ 0.5X
NC
NC
-V
VIN
+V
NC
NC
HA-2556
HA-5127
NC
NC
VOUT
0V
≤ V
IN ≤ 1V
0.5
≤ M ≤ 1.0
α
1-
α
+
-
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
Σ
+ -
REF
Y
X
Z
+
-
+
-
+
-
FIGURE 20. NONINTEGRAL POWERS - ADJUSTABLE
FIGURE 21. NONINTEGRAL POWERS - FIXED
NC
NC
-V
VIN
+V
NC
NC
HA-2556
HA-5127
NC
NC
VOUT
0V
≤ V
IN ≤ 1V
1.0
≤ M ≤ 2.0
α
1-
α
+
-
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
Σ
+ -
REF
Y
X
Z
+
-
+
-
+
-
NC
NC
-V
VIN
+V
NC
NC
HA-2556
NC
NC
VOUT
0V
≤ V
IN ≤ 1V
1.2
≤ M ≤ 2.0
R3
R4
R1
R2
V
OUT
1
5
--
R3
R4
-----
1
+


V
IN
2
R3
R4
-----
1
+


R2
R1
R2
+
-----------------


V
IN
+
=
1
α
–
1
5
--
R3
R4
-----
1
+


=
α
R3
R4
-----
1
+


R2
R1
R2
+
-----------------


=
Setting:
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
Σ
+ -
REF
Y
X
Z
+
-
+
-
+
-
Spec Number
511063-883



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com