Electronic Components Datasheet Search
  English  ▼

X  

HA2556/883 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HA2556/883
Description  Wideband Four Quadrant Analog Multiplier (Voltage Output)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA2556/883 Datasheet(HTML) 2 Page - Intersil Corporation

  HA2556/883 Datasheet HTML 1Page - Intersil Corporation HA2556/883 Datasheet HTML 2Page - Intersil Corporation HA2556/883 Datasheet HTML 3Page - Intersil Corporation HA2556/883 Datasheet HTML 4Page - Intersil Corporation HA2556/883 Datasheet HTML 5Page - Intersil Corporation HA2556/883 Datasheet HTML 6Page - Intersil Corporation HA2556/883 Datasheet HTML 7Page - Intersil Corporation HA2556/883 Datasheet HTML 8Page - Intersil Corporation HA2556/883 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
8-8
Specifications HA2556/883
Absolute Maximum Ratings
Thermal Information
Voltage Between V+ and V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6V
Output Current
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±40mA
ESD Rating. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . < 2000V
Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . . . . . +300oC
Storage Temperature Range . . . . . . . . . . . . . . -65oC
≤ T
A ≤ +150
oC
Max Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC
Thermal Resistance
θ
JA
θ
JC
CerDIP Package . . . . . . . . . . . . . . . . . . .
82oC/W
27oC/W
Maximum Package Power Dissipation at +75oC
CerDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.22W
Package Power Dissipation Derating Factor above +75oC
CerDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12mW/oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Operating Conditions
Operating Supply Voltage (
±V
S) . . . . . . . . . . . . . . . . . . . . . . . . . . ±15V
Operating Temperature Range . . . . . . . . . . . . -55oC
≤ T
A ≤ +125
oC
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS
Device Tested at: VSUPPLY = ±15V, RF = 50Ω, RL = 1kΩ, CL = 20pF, Unless Otherwise Specified.
PARAMETERS
SYMBOL
CONDITIONS
GROUP A
SUBGROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Multiplication Error
ME
VY, VX = ±5V
1
+25oC
-3
3
%FS
2, 3
+125oC, -55oC
-6
6
%FS
Linearity Error
LE4V
VY, VX = ±4V
1
+25oC
-0.5
0.5
%FS
LE5V
VY, VX = ±5V
1
+25oC
-1
1
%FS
Input Offset Voltage (VX)VXIO
VY = ±5V
1
+25oC
-15
15
mV
2, 3
+125oC, -55oC
-25
25
mV
Input Bias Current (VX)IB (VX)VX = 0V, VY = 5V
1
+25oC
-15
15
µA
2, 3
+125oC, -55oC
-25
25
µA
Input Offset Current (VX)IIO (VX)VX = 0V, VY = 5V
1
+25oC-2
2
µA
2, 3
+125oC, -55oC-3
3
µA
Common Mode (VX)
Rejection Ratio
CMRR (VX)VXCM = ±10V
VY = 5V
1
+25oC65
-
dB
2, 3
+125oC, -55oC65
-
dB
Power Supply (VX)
Rejection Ratio
+PSRR (VX)VCC = +12V to +17V
VY = 5V
1
+25oC65
-
dB
2, 3
+125oC, -55oC65
-
dB
-PSRR (VX)VEE = -12V to -17V
VY = 5V
1
+25oC45
-
dB
2, 3
+125oC, -55oC45
-
dB
Input Offset Voltage (VY)VYIO
VX = ±5V
1
+25oC
-15
15
mV
2, 3
+125oC, -55oC
-25
25
mV
Input Bias Current (VY)IB (VY)VY = 0V, VX = 5V
1
+25oC
-15
15
µA
2, 3
+125oC, -55oC
-25
25
µA
Input Offset Current (VY)IIO (VY)VY = 0V, VX = 5V
1
+25oC-2
2
µA
2, 3
+125oC, -55oC-3
3
µA
Common Mode (VY)
Rejection Ratio
CMRR (VY)VYCM = +9V, -10V
VX = 5V
1
+25oC65
-
dB
2, 3
+125oC, -55oC65
-
dB
Power Supply (VY)
Rejection Ratio
+PSRR (VY)VCC = +12V to +17V
VX = 5V
1
+25oC65
-
dB
2, 3
+125oC, -55oC65
-
dB
-PSRR (VY)VEE = -12V to -17V
VX = 5V
1
+25oC45
-
dB
2, 3
+125oC, -55oC45
-
dB
Spec Number
511063-883



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com