Electronic Components Datasheet Search
  English  ▼

X  

HA5013IP Datasheet(PDF) 5 Page - Intersil Corporation

Part # HA5013IP
Description  Triple, 125MHz Video Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA5013IP Datasheet(HTML) 5 Page - Intersil Corporation

  HA5013IP Datasheet HTML 1Page - Intersil Corporation HA5013IP Datasheet HTML 2Page - Intersil Corporation HA5013IP Datasheet HTML 3Page - Intersil Corporation HA5013IP Datasheet HTML 4Page - Intersil Corporation HA5013IP Datasheet HTML 5Page - Intersil Corporation HA5013IP Datasheet HTML 6Page - Intersil Corporation HA5013IP Datasheet HTML 7Page - Intersil Corporation HA5013IP Datasheet HTML 8Page - Intersil Corporation HA5013IP Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
Test Circuits and Waveforms
FIGURE 1. TEST CIRCUIT FOR TRANSIMPEDANCE MEASUREMENTS
FIGURE 2. SMALL SIGNAL PULSE RESPONSE CIRCUIT
FIGURE 3. LARGE SIGNAL PULSE RESPONSE CIRCUIT
NOTE:
12. A series input resistor of
≥100Ω is recommended to limit input currents in case input signals are present before the HA5013 is powered up.
Vertical Scale: VIN = 100mV/Div., VOUT = 100mV/Div.
Horizontal Scale: 20ns/Div.
FIGURE 4. SMALL SIGNAL RESPONSE
Vertical Scale: VIN = 1V/Div., VOUT = 1V/Div.
Horizontal Scale: 50ns/Div.
FIGURE 5. LARGE SIGNAL RESPONSE
+
-
50
Ω
50
Ω
DUT
HP4195
NETWORK
ANALYZER
VIN
VOUT
RL
RF, 1kΩ
100
Ω
50
Ω
+
-
DUT
100
Ω
(NOTE 12)
VIN
VOUT
RL
RF, 681Ω
400
Ω
50
Ω
+
-
DUT
RI
681
Ω
100
Ω
(NOTE 12)
HA5013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com