Electronic Components Datasheet Search
  English  ▼

X  

HA5013IP Datasheet(PDF) 10 Page - Intersil Corporation

Part # HA5013IP
Description  Triple, 125MHz Video Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA5013IP Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HA5013IP Datasheet HTML 6Page - Intersil Corporation HA5013IP Datasheet HTML 7Page - Intersil Corporation HA5013IP Datasheet HTML 8Page - Intersil Corporation HA5013IP Datasheet HTML 9Page - Intersil Corporation HA5013IP Datasheet HTML 10Page - Intersil Corporation HA5013IP Datasheet HTML 11Page - Intersil Corporation HA5013IP Datasheet HTML 12Page - Intersil Corporation HA5013IP Datasheet HTML 13Page - Intersil Corporation HA5013IP Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
FIGURE 20. PROPAGATION DELAY vs TEMPERATURE
FIGURE 21. PROPAGATION DELAY vs SUPPLY VOLTAGE
FIGURE 22. SLEW RATE vs TEMPERATURE
FIGURE 23. NON-INVERTING GAIN FLATNESS vs FREQUENCY
FIGURE 24. INVERTING GAIN FLATNESS vs FREQUENCY
FIGURE 25. INPUT NOISE CHARACTERISTICS
Typical Performance Curves VSUPPLY = ±5V, AV = +1, RF = 1kΩ, RL = 400Ω, TA = 25oC,
Unless Otherwise Specified (Continued)
TEMPERATURE (oC)
-50
-25
0
25
50
75
100
125
8.0
7.5
7.0
6.5
6.0
RL = 100Ω
VOUT = 1.0VP-P
AV = +1
SUPPLY VOLTAGE (
±V)
12
10
8
6
4
3
5
7
9
11
13
15
RLOAD = 100Ω
VOUT = 1.0VP-P
AV = +10, RF = 383Ω
AV = +2, RF = 681Ω
AV = +1, RF = 1kΩ
TEMPERATURE (oC)
-50
-25
0
25
50
75
100
125
500
450
400
350
300
250
200
150
100
VOUT = 2VP-P
+ SLEW RATE
- SLEW RATE
FREQUENCY (MHz)
510
15
20
25
30
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
VOUT = 0.2VP-P
CL = 10pF
AV = +2, RF = 681Ω
AV = +5, RF = 1kΩ
AV = +1, RF = 1kΩ
AV = +10, RF = 383Ω
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
FREQUENCY (MHz)
51015
20
2530
VOUT = 0.2VP-P
CL = 10pF
AV = -1
AV = -2
AV = -5
AV = -10
RF = 750Ω
FREQUENCY (kHz)
0.01
0.1
1
10
100
100
80
60
40
20
0
1000
800
600
400
200
0
AV = +10, RF = 383Ω
-INPUT NOISE CURRENT
+INPUT NOISE CURRENT
INPUT NOISE VOLTAGE
HA5013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com