Electronic Components Datasheet Search
  English  ▼

X  

KCX69 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KCX69
Description  PNP Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KCX69 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  KCX69 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KCX69 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KCX69 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd KCX69 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
PNP Transistors
■
Features
●
For general AF applications
●
High collector current
●
High current gain
●
Low collector-emitter saturation voltage
●
Complementary type: BCX 68 (NPN)
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
-25
Collector - Emitter Voltage
VCEO
-20
Emitter - Base Voltage
VEBO
-5
Collector Current - Continuous
IC
-1
Peak Collector Current
ICM
-2
Base Current
IB
-100
Peak Base Current
IBM
-200
Collector Power Dissipation
PC
1
W
RthJA
75
RthJS
20
Junction Temperature
TJ
150
Storage Temperature range
Tstg
-65 to 150
V
℃
A
K/W
mA
Thermal Resistance.Junction- to-Ambient
Thermal Resistance.Case-to-Sink Typ
BCX69 (KCX69)
1.Base
2.Collector
3.Emitter
1.70 0.1
0.42 0.1
0.46 0.1


Similar Part No. - KCX69

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KCX-T46-85DA KODENSHI-KCX-T46-85DA Datasheet
116Kb / 1P
Single mode 850 VCSEL
logo
KIA Semiconductor Techn...
KCX3560A KIA-KCX3560A Datasheet
140Kb / 5P
76A竊?00V N-CHANNEL MOSFET
KCX3650A KIA-KCX3650A Datasheet
165Kb / 5P
60A竊?00V N-CHANNEL MOSFET
logo
Guangdong Kexin Industr...
KCX491A KEXIN-KCX491A Datasheet
42Kb / 1P
NPN Silicon Planar Medium Power Transistor
KCX51 KEXIN-KCX51 Datasheet
952Kb / 2P
PNP Transistors
More results

Similar Description - KCX69

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
PNP Transistors
logo
Guangdong Kexin Industr...
2SB766A KEXIN-2SB766A_15 Datasheet
884Kb / 2P
PNP Transistors
2SA733-HF KEXIN-2SA733-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1036-HF KEXIN-2SA1036-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1037-HF KEXIN-2SA1037-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1122-HF KEXIN-2SA1122-HF_15 Datasheet
712Kb / 2P
PNP Transistors
2SB624-HF KEXIN-2SB624-HF_15 Datasheet
401Kb / 1P
PNP Transistors
2SB736A-HF KEXIN-2SB736A-HF_15 Datasheet
1Mb / 3P
PNP Transistors
2SB799-HF KEXIN-2SB799-HF_15 Datasheet
1Mb / 3P
PNP Transistors
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com