Electronic Components Datasheet Search
  English  ▼

X  

KCX69 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KCX69
Description  PNP Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KCX69 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  KCX69 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KCX69 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KCX69 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd KCX69 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
PNP Transistors
■
Electrical Characteristics Ta = 25℃
■
Classification of hfe(2)
Marking
BCX69
BCX69-10
BCX69-16
BCX69-25
Range
C
CE
F
CG
CH
Symbol
Test Conditions
Min
Typ
Max
Unit
VCBO
Ic= -100μA, IE=0
-25
VCEO
Ic= -10mA, IB=0
-20
VEBO
IE= -100μA, IC=0
-5
-100
nA
-10
μA
IEBO
VEB= -5V , IC=0
-10
μA
VCE(sat) IC=-1A, IB=-100mA
-0.5
IC= -5mA, VCE=-10V
-0.6
IC= -1A, VCE=-1V
-1
VCE= -10V, IC= -5mA
50
BCX 69
85
375
BCX 69-10
85
100
160
BCX 69-16
100
160
250
BCX 69-25
160
250
375
IC = -1 A, VCE = -1 V
60
fT
VCE= -5V, IC= -100mA,f=20MHz
100
MHz
Base - emitter saturation voltage
Transition frequency
hFE
DC current gain
Parameter
Collector- base breakdown voltage
Collector- emitter breakdown voltage
Emitter - base breakdown voltage
Collector-base cut-off current
Collector- base cut-off current
Ta=150℃
Emitter cut-off current
Collector-emitter saturation voltage
V
V
ICBO
VCB= -25 V , IE=0
VBE
VCE=- 1V, IC= -500mA
BCX69 (KCX69)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com