Electronic Components Datasheet Search
  English  ▼

X  

HA5351IP Datasheet(PDF) 4 Page - Intersil Corporation

Part # HA5351IP
Description  64ns Sample and Hold Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA5351IP Datasheet(HTML) 4 Page - Intersil Corporation

  HA5351IP Datasheet HTML 1Page - Intersil Corporation HA5351IP Datasheet HTML 2Page - Intersil Corporation HA5351IP Datasheet HTML 3Page - Intersil Corporation HA5351IP Datasheet HTML 4Page - Intersil Corporation HA5351IP Datasheet HTML 5Page - Intersil Corporation HA5351IP Datasheet HTML 6Page - Intersil Corporation HA5351IP Datasheet HTML 7Page - Intersil Corporation HA5351IP Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Typical Performance Curves
FIGURE 1. LARGE SIGNAL RESPONSE
FIGURE 2. SMALL SIGNAL RESPONSE
FIGURE 3. UNITY GAIN FREQUENCY RESPONSE
FIGURE 4. CLOSED LOOP GAIN/PHASE AV = +1000
FIGURE 5. 5VP-P FULL POWER FREQUENCY RESPONSE
FIGURE 6. -3dB BANDWIDTH vs SUPPLY VOLTAGE
2
0
-2
0
100
200
300
400
500
TIME (ns)
0.1
0.0
-0.1
200
400
600
TIME (ns)
100K
1M
10M
100M
2
0
-2
-4
-6
-8
FREQUENCY (Hz)
40.163156MHz
-3dB
1K
10K
100K
1M
10M
100M
FREQUENCY (Hz)
60
40
20
0
-20
0
-30
-60
-90
-120
-150
-180
0dB AT 21.34MHz
GAIN
PHASE
-119.86 DEG
10K
100K
1M
10M
100M
2
0
-2
-4
-6
-8
FREQUENCY (Hz)
13.241189MHz
-3dB
±3.5
±4
±4.5
±5
±5.5
±6
0
10
20
30
40
50
60
SUPPLY VOLTAGE (V)
4 TYPICAL UNITS
200mVP-P
HA5351



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com