Electronic Components Datasheet Search
  English  ▼

X  

HA5351IP Datasheet(PDF) 1 Page - Intersil Corporation

Part # HA5351IP
Description  64ns Sample and Hold Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA5351IP Datasheet(HTML) 1 Page - Intersil Corporation

  HA5351IP Datasheet HTML 1Page - Intersil Corporation HA5351IP Datasheet HTML 2Page - Intersil Corporation HA5351IP Datasheet HTML 3Page - Intersil Corporation HA5351IP Datasheet HTML 4Page - Intersil Corporation HA5351IP Datasheet HTML 5Page - Intersil Corporation HA5351IP Datasheet HTML 6Page - Intersil Corporation HA5351IP Datasheet HTML 7Page - Intersil Corporation HA5351IP Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
File Number
3690.7
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 1999
HA5351
64ns Sample and Hold Amplifier
The HA5351 is a fast acquisition, wide bandwidth sample
and hold amplifier, built with the Intersil HBC-10 BiCMOS
process. This sample and hold amplifier offers a combination
of desirable features; fast acquisition time (70ns to 0.01%
maximum), excellent DC precision and extremely low power
dissipation, making it ideal for use in systems that sample
multiple signals and require low power.
The HA5351 is in an open loop configuration with fully
differential inputs providing flexibility for user defined
feedback. In unity gain the HA5351 is completely self-
contained and requires no external components. The on-
chip 15pF hold capacitor is completely isolated to minimizing
droop rate and reduce sensitivity to pedestal error. The
HA5351 is available in 8 lead PDIP and SOIC packages for
minimizing board space and ease of layout.
Functional Diagram
Features
• Fast Acquisition to 0.01% . . . . . . . . . . . . . . . . . 70ns (Max)
• Low Offset Error . . . . . . . . . . . . . . . . . . . . . . .
±2mV (Max)
• Low Pedestal Error . . . . . . . . . . . . . . . . . . . .
±10mV (Max)
• Low Droop Rate . . . . . . . . . . . . . . . . . . . . . . 2
µV/µs (Max)
• Wide Unity Gain Bandwidth . . . . . . . . . . . . . . . . . . 40MHz
• Low Power Dissipation . . . . . . . . . . . . . . . 220mW (Max)
• Total Harmonic Distortion (Hold Mode) . . . . . . . . . -72dBc
-(VIN = 5VP-P at 1MHz)
• Fully Differential Inputs
• On Chip Hold Capacitor
Applications
• Synchronous Sampling
• Wide Bandwidth A/D Conversion
• Deglitching
• Peak Detection
• High Speed DC Restore
Pinout
HA5351
(PDIP, SOIC)
TOP VIEW)
Ordering Information
PART NUMBER
(BRAND)
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HA5351IP
-40 to 85
8 Ld PDIP
E8.3
HA5351IB
(H5351)
-40 to 85
8 Ld SOIC
M8.15
HA5351
GM
BUFFER
AV
+
8
1
5
-IN
+IN
S/H
OUT
15pF
4
63
V+
V-
7
GND
-
-
+
+IN
NC
V-
OUT
1
2
3
4
8
7
6
5
-IN
GND
V+
S/H
CTRL
Data Sheet
May 1999


Similar Part No. - HA5351IP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA5351IB INTERSIL-HA5351IB Datasheet
176Kb / 7P
64ns Sample and Hold Amplifier
April 12, 2007
HA5351IBZ INTERSIL-HA5351IBZ Datasheet
176Kb / 7P
64ns Sample and Hold Amplifier
April 12, 2007
HA5351IBZ INTERSIL-HA5351IBZ Datasheet
206Kb / 7P
64ns Sample and Hold Amplifier
April 25, 2013
logo
Renesas Technology Corp
HA5351IBZ RENESAS-HA5351IBZ Datasheet
421Kb / 7P
64ns Sample and Hold Amplifier
More results

Similar Description - HA5351IP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5537 PHILIPS-NE5537 Datasheet
103Kb / 8P
Sample-and-hold amplifier
August 31, 1994
logo
Analog Devices
SMP04 AD-SMP04 Datasheet
277Kb / 15P
CMOS Quad Sample-and-Hold Amplifier
REV.D
logo
Linear Technology
LF198A LINER-LF198A Datasheet
1Mb / 16P
Precision Sample and Hold Amplifier
LF398S8 LINER-LF398S8 Datasheet
144Kb / 2P
Precision Sample and Hold Amplifier?
logo
Fairchild Semiconductor
SPT9101 FAIRCHILD-SPT9101 Datasheet
58Kb / 8P
125 MSPS SAMPLE-AND-HOLD AMPLIFIER
logo
Intersil Corporation
HA5351 INTERSIL-HA5351_07 Datasheet
176Kb / 7P
64ns Sample and Hold Amplifier
April 12, 2007
logo
Analog Devices
SMP04GBC AD-SMP04GBC Datasheet
482Kb / 15P
CMOS Quad Sample-and-Hold Amplifier
REV. D
logo
Linear Technology
LF398S8 LINER-LF398S8_15 Datasheet
156Kb / 2P
Precision Sample and Hold Amplifier
logo
Intersil Corporation
HA5351IBZ INTERSIL-HA5351IBZ Datasheet
206Kb / 7P
64ns Sample and Hold Amplifier
April 25, 2013
logo
Renesas Technology Corp
HA5351 RENESAS-HA5351 Datasheet
421Kb / 7P
64ns Sample and Hold Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com