Electronic Components Datasheet Search
  English  ▼

X  

HC5517IM Datasheet(PDF) 13 Page - Intersil Corporation

Part # HC5517IM
Description  3 REN Ringing SLIC For ISDN Modem/TA and WLL
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5517IM Datasheet(HTML) 13 Page - Intersil Corporation

Back Button HC5517IM Datasheet HTML 9Page - Intersil Corporation HC5517IM Datasheet HTML 10Page - Intersil Corporation HC5517IM Datasheet HTML 11Page - Intersil Corporation HC5517IM Datasheet HTML 12Page - Intersil Corporation HC5517IM Datasheet HTML 13Page - Intersil Corporation HC5517IM Datasheet HTML 14Page - Intersil Corporation HC5517IM Datasheet HTML 15Page - Intersil Corporation HC5517IM Datasheet HTML 16Page - Intersil Corporation HC5517IM Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
72
Operation of the Battery Switch
The battery switch is used to select between the off-hook
battery of -24V and the ringing/standby battery of -80V.
When T1 is off (battery switch is logic low) the MOSFET T3
is off and the -24V battery is supplied to the SLIC through
D10. When T1 is on (battery switch is logic high) current
flows through the collector of T1 turning on the zener D9.
When D9 turns on, the gate of the MOSFET is positive with
respect to the drain (-80V) and T3 turns on. Turning T3 on
connects the -80V battery to the SLIC through D7. This in
turn reverse biases D10, isolating the two supplies.
Transhybrid Balance (Voice Signal)
The purpose of the transhybrid circuit is to remove the
receive signal (V-REC) from the transmit signal (V-XMIT),
thereby preventing an echo on the transmit side. This is
accomplished by using an external op amp (usually part of
the CODEC) and by the inversion of the signal from the
SLIC’s 4-wire receive port (VRX) to the SLIC’s 4-wire
transmit port (OUT1).
The external transhybrid circuit is shown in Figure 10. The
effects of capacitors C5,C7 and C8 are negligible and there-
fore omitted from the analysis. The input signal (V-REC) will
be subtracted from the output signal (V-XMIT) if I1 equals I2
are equal and opposite in phase. A node analysis yields the
following equation:
The value of R2 is then:
Given that OUT1 is equal to -1/3 of V-REC (Equation 16) and
V-REC is equal to VTR (A4-Wire-2-Wire = 1, Equation 15),
then R2 =3R3. A transhybrid balance greater than 30dB can
be achieved by using 1% resistors values.
Transhybrid Balance (Pulse Metering)
Transhybrid balance of the pulse metering signal is
accomplished in 2 stages. The first stage uses the SLIC’s
internal op amp to invert the phase of the pulse metering sig-
nal. The second stage sums the inverted pulse metering sig-
nal with the incoming signal for cancellation in the
transhybrid amplifier. A third network can be added to offset
both tip and ring by the peak amplitude of the pulse metering
signal. This will allow both the maximum voice and pulse
metering signals to occur at the same time with no distortion.
Pulse Metering
Pulse metering or Teletax is used outside the United States
for billing purposes at pay phones. A 12kHz or 16kHz burst
is injected into the 4-wire side of the SLIC and transmitted
across the tip and ring lines from the central office to the pay
phone. For more information about pulse metering than cov-
ered here reference application note AN9608 “Implementing
Pulse Metering for the HC5509 Series of SLICs”.
TABLE 2. HC5517 APPLICATION CIRCUIT OPERATING MODES SUMMARY
BATTERY
SWITCH
F1
RC
MODE
DETECTORS VALID
APPLICATION CIRCUIT VALID
SHD
RTD
MTU
CENTERING
-24V
0
0
Power Denial
-24V
0
1
Invalid
-24V
1
0
Off-Hook Active
√
-24V
1
1
Invalid
-80V
0
0
Power Denial
√
-80V
0
1
Invalid
-80V
1
0
On-Hook Standby
√√
-80V
1
1
Ringing
(Note)
√√
NOTE: During Ringing, the SHD output will be active for both on-hook and off-hook conditions. The AC current, for the on-hook condition, exceeds
the SHD threshold of 12mA. Valid off-hook detection during ringing is provided by the RTD output only.
VREC
–
R
2
---------------------
OUT1
R
3
-----------------
+
0
=
(EQ. 36)
R
2
R
–
3
V REC
–
OUT1
---------------------
•
=
(EQ. 37)
FIGURE 10. TRANSHYBRID CIRCUIT (VOICE SIGNAL)
EXTERNAL
TRANSHYBRID CIRCUIT
SUMMING NODE CANCELS OUT
INCOMING AC TRANSMISSION FROM
OUT GOING TRANSMISSION
R2
R1
R3
INCOMING
AC TRANSMISSION
VRX
180
PHASE
SHIFT
OF AC
SIGNAL
-IN1
OUT1
R9
R8
V-XMIT
C8
C7
C5
I1
I2
V-REC
HC5517
OUTGOING
AC TRANSMISSION
+
-
+
-
HC5517



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com