Electronic Components Datasheet Search
  English  ▼

X  

HC5517IM Datasheet(PDF) 3 Page - Intersil Corporation

Part # HC5517IM
Description  3 REN Ringing SLIC For ISDN Modem/TA and WLL
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5517IM Datasheet(HTML) 3 Page - Intersil Corporation

  HC5517IM Datasheet HTML 1Page - Intersil Corporation HC5517IM Datasheet HTML 2Page - Intersil Corporation HC5517IM Datasheet HTML 3Page - Intersil Corporation HC5517IM Datasheet HTML 4Page - Intersil Corporation HC5517IM Datasheet HTML 5Page - Intersil Corporation HC5517IM Datasheet HTML 6Page - Intersil Corporation HC5517IM Datasheet HTML 7Page - Intersil Corporation HC5517IM Datasheet HTML 8Page - Intersil Corporation HC5517IM Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
62
Frequency Response
300Hz to 3400Hz (Note 3) Referenced to
Absolute Level at 1kHz, 0dBm Referenced 600
Ω
-
±0.02
±0.06
dB
Level Linearity
Referenced to -10dBm (Note 3)
2-Wire to 4-Wire and 4-Wire to 2-Wire
+3 to -40dBm
-
-
±0.08
dB
-40 to -50dBm
-
-
±0.12
dB
-50 to -55dBm
-
-
±0.3
dB
Absolute Delay
(Note 3)
2-Wire/4-Wire
300Hz to 3400Hz
-
-
1.0
µs
4-Wire/2-Wire
300Hz to 3400Hz
-
-
1.0
µs
4-Wire/4-Wire
300Hz to 3400Hz
-
0.95
1.5
µs
Transhybrid Loss
VIN = 1VP-P at 1kH (Notes 3, 4)
30
40
dB
Total Harmonic Distortion
2-Wire/4-Wire, 4-Wire/2-Wire, 4-Wire/4-Wire
Reference Level 0dBm at 600
Ω
300Hz to 3400Hz (Note 3)
-
-
-50
dB
Idle Channel Noise
2-Wire and 4-Wire
(Note 3)
C-Message
-
3
-
dBrnC
Psophometric (Note 3)
-
-87
-
dBmp
Power Supply Rejection Ratio
(Note 3)
30Hz to 200Hz, RL = 600Ω
VCC to 2-Wire
20
40
-
dB
VCC to 4-Wire
20
40
-
dB
VBAT to 2-Wire
20
40
-
dB
VBAT to 4-Wire
20
50
-
dB
VCC to 2-Wire
(Note 3)
200Hz to 16kHz, RL = 600Ω
30
40
-
dB
VCC to 4-Wire
20
28
-
dB
VBAT to 2-Wire
20
50
-
dB
VBAT to 4-Wire
20
50
-
dB
DC PARAMETERS
Loop Current Programming
Limit Range
20
(Note 5)
-60
mA
Accuracy
10
-
-
%
Loop Current During Power Denial
RL = 200Ω
-
±4
±7mA
Fault Currents
TIP to Ground (Note 3)
-30-
mA
RING to Ground
-
120
-
mA
TIP and RING to Ground (Note 3)
-
150
-
mA
Switch Hook Detection Threshold
-12
15
mA
Ring Trip Comparator Voltage Threshold
-0.28
-0.24
-0.22
V
Thermal ALARM Output (Note 3)
Safe Operating Die Temperature Exceeded
140
-
160
oC
Electrical Specifications
Unless Otherwise Specified, Typical Parameters are at TA = 25
oC, Min-Max Parameters are over
Operating Temperature Range, VBAT = -24V, VCC = +5V, AGND = BGND = 0V. All AC Parameters are specified
at 600
Ω 2-Wire terminating impedance. (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
HC5517



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com