Electronic Components Datasheet Search
  English  ▼

X  

HC5523IP Datasheet(PDF) 15 Page - Intersil Corporation

Part # HC5523IP
Description  LSSGR/TR57 CO/Loop Carrier SLIC with Low Power Standby
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5523IP Datasheet(HTML) 15 Page - Intersil Corporation

Back Button HC5523IP Datasheet HTML 10Page - Intersil Corporation HC5523IP Datasheet HTML 11Page - Intersil Corporation HC5523IP Datasheet HTML 12Page - Intersil Corporation HC5523IP Datasheet HTML 13Page - Intersil Corporation HC5523IP Datasheet HTML 14Page - Intersil Corporation HC5523IP Datasheet HTML 15Page - Intersil Corporation HC5523IP Datasheet HTML 16Page - Intersil Corporation HC5523IP Datasheet HTML 17Page - Intersil Corporation HC5523IP Datasheet HTML 18Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
70
r = -20
• log (2VM/VS)
where: ZD = The desired impedance; e.g., the characteristic
impedance of the line, nominally 600
Ω. (Reference Figure 6).
12. Overload Level (4-Wire port) - The overload level is specified
at the 4-wire transmit port (VTXO) with the signal source (EG)at
the 2-wire port, IDCMET = 23mA, ZL = 20kΩ,RSG =4kΩ (Refer-
ence Figure 7). Increase the amplitude of EG until 1% THD is
measured at VTXO. Note that the gain from the 2-wire port to
the 4-wire port is equal to 1.
13. Output Offset Voltage - The output offset voltage is specified
with the following conditions: EG =0,IDCMET = 23mA, ZL = ∞
and is measured at VTX.EG,IDCMET,VTX and ZL are defined
in Figure 7. Note: IDCMET is established with a series 600Ω
resistor between tip and ring.
14. Two-Wire to Four-Wire (Metallic to VTX) Voltage Gain - The
2-wire to 4-wire (metallic to VTX) voltage gain is computed
using the following equation.
G2-4 =(VTX/VTR), EG = 0dBm0, VTX,VTR, and EG are defined
in Figure 7.
15. Current Gain RSN to Metallic - The current gain RSN to
Metallic is computed using the following equation:
K=IM [(RDC1 +RDC2)/(VRDC -VRSN)] K, IM,RDC1,RDC2,VRDC
and VRSN are defined in Figure 8.
16. Two-Wire to Four-Wire Frequency Response - The 2-wire to
4-wire frequency response is measured with respect to
EG = 0dBm at 1.0kHz, ERX =0V, IDCMET = 23mA. The fre-
quency response is computed using the following equation:
F2-4 =20 • log (VTX/VTR), vary frequency from 300Hz to
3.4kHz and compare to 1kHz reading.
VTX, VTR, and EG are defined in Figure 9.
17. Four-Wire to Two-Wire Frequency Response - The 4-wire to
2-wire frequency response is measured with respect to ERX =
0dBm at 1.0kHz, EG =0V, IDCMET = 23mA. The frequency
response is computed using the following equation:
F4-2 =20 • log (VTR/ERX), vary frequency from 300Hz to
3.4kHz and compare to 1kHz reading.
VTR and ERX are defined in Figure 9.
18. Four-Wire to Four-Wire Frequency Response - The
4-wire
to 4-wire frequency response is measured with respect to ERX
= 0dBm at 1.0kHz, EG =0V, IDCMET = 23mA. The frequency
response is computed using the following equation:
F4-4 =20 • log (VTX/ERX), vary frequency from 300Hz to
3.4kHz and compare to 1kHz reading.
VTX and ERX are defined in Figure 9.
19. Two-Wire to Four-Wire Insertion Loss - The 2-wire to 4-wire
insertion loss is measured with respect to EG = 0dBm at 1.0kHz
input signal, ERX =0,IDCMET = 23mA and is computed using
the following equation:
L2-4 = 20 • log (VTX/VTR)
where: VTX,VTR, and EG are defined in Figure 9. (Note: The
fuse resistors, RF, impact the insertion loss. The specified
insertion loss is for RF = 0).
20. Four-Wire to Two-Wire Insertion Loss - The 4-wire to 2-wire
insertion loss is measured based upon ERX = 0dBm, 1.0kHz
input signal, EG =0,IDCMET = 23mA and is computed using
the following equation:
L4-2 = 20 • log (VTR/ERX)
where: VTR and ERX are defined in Figure 9.
21. Two-Wire to Four-Wire Gain Tracking - The 2-wire to 4-wire
gain tracking is referenced to measurements taken for EG =
-10dBm, 1.0kHz signal, ERX =0,IDCMET = 23mA and is com-
puted using the following equation.
G2-4 =20 • log (VTX/VTR) vary amplitude -40dBm to +3dBm, or
-55dBm to -40dBm and compare to -10dBm reading.
VTX and VTR are defined in Figure 9.
22. Four-Wire to Two-Wire Gain Tracking - The 4-wire to 2-wire
gain tracking is referenced to measurements taken for ERX =
-10dBm, 1.0kHz signal, EG =0,IDCMET = 23mA and is com-
puted using the following equation:
G4-2 =20 • log (VTR/ERX) vary amplitude -40dBm to +3dBm,
or -55dBm to -40dBm and compare to -10dBm reading.
VTR and ERX are defined in Figure 9. The level is specified at the
4-wire receive port and referenced to a 600
Ω impedance level.
23. Two-Wire Idle Channel Noise - The 2-wire idle channel noise
at VTR is specified with the 2-wire port terminated in 600Ω (RL)
and with the 4-wire receive port grounded (Reference Figure
10).
24. Four-Wire Idle Channel Noise - The 4-wire idle channel noise
at VTX is specified with the 2-wire port terminated in 600Ω (RL).
The noise specification is with respect to a 600
Ω impedance
level at VTX. The 4-wire receive port is grounded (Reference
Figure 10).
25. Harmonic Distortion (2-Wire to 4-Wire) - The harmonic dis-
tortion is measured with the following conditions. EG = 0dBm at
1kHz, IDCMET = 23mA. Measurement taken at VTX. (Reference
Figure 7).
26. Harmonic Distortion (4-Wire to 2-Wire) - The harmonic dis-
tortion is measured with the following conditions. ERX = 0dBm0.
Vary frequency between 300Hz and 3.4kHz, IDCMET = 23mA.
Measurement taken at VTR. (Reference Figure 9).
27. Constant Loop Current - The constant loop current is calcu-
lated using the following equation:
IL = 2500 / (RDC1 + RDC2)
28. Standby State Loop Current - The standby state loop current
is calculated using the following equation:
IL = [|VBAT| - 3] / [RL +1800], TA = 25
oC
29. Ground Key Detector - (TRIGGER) Increase the input current
to 8mA and verify that DET goes low.
(RESET) Decrease the input current from 17mA to 3mA and verify
that DET goes high.
(Hysteresis) Compare difference between trigger and reset.
30. Power Supply Rejection Ratio - Inject a 100mVRMS signal
(50Hz to 4kHz) on VBAT,VCC and VEE supplies. PSRR is com-
puted using the following equation:
PSRR = 20
• log (VTX/VIN). VTX and VIN are defined in Figure 12.
HC5523



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com