Electronic Components Datasheet Search
  English  ▼

X  

HC5523IP Datasheet(PDF) 18 Page - Intersil Corporation

Part # HC5523IP
Description  LSSGR/TR57 CO/Loop Carrier SLIC with Low Power Standby
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5523IP Datasheet(HTML) 18 Page - Intersil Corporation

Back Button HC5523IP Datasheet HTML 10Page - Intersil Corporation HC5523IP Datasheet HTML 11Page - Intersil Corporation HC5523IP Datasheet HTML 12Page - Intersil Corporation HC5523IP Datasheet HTML 13Page - Intersil Corporation HC5523IP Datasheet HTML 14Page - Intersil Corporation HC5523IP Datasheet HTML 15Page - Intersil Corporation HC5523IP Datasheet HTML 16Page - Intersil Corporation HC5523IP Datasheet HTML 17Page - Intersil Corporation HC5523IP Datasheet HTML 18Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
73
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Application Circuit
21 HPT
22 RD
23 DT
25 DR
27 TIPX
28 RINGX
2 BGND
4 VCC
5 RINGRLY
6 VBAT
7 RSG
HPR 20
VTX 19
VEE 18
RSN 16
AGND 15
RDC 14
C1 13
C2 12
DET 11
EO 9
E1 8
TIP
RING
VBAT
R3
RRT
R2
-5V
RD
RF1
RF2
CRC
CTC
RINGING
(VBAT + 90VRMS)
VBAT
CHP (NOTE 32)
-5V
RTX
RT
RB
RDC1
CDC
RDC2
RFB
CODEC/FILTER
U2
U1
RRX
-
+
CRT
R1
R4
NOTE 31
-5V
RSG
U1 SLIC (Subscriber Line Interface Circuit)
HC5526
U2 Combination CODEC/Filter e.g.
CD22354A or Programmable CODEC/
Filter, e.g. SLAC
CDC 1.5µF, 20%, 10V
CHP 10nF, 20%, 100V (Note 2)
CRT 0.39µF, 20%, 100V
CTC, CRC 2200pF, 20%, 100V
Relay Relay, 2C Contacts, 5V or 12V Coil
D1 - D5 IN4007 Diode
Surgector SGT27S10
PTC Polyswitch TR600-150
D6 Diode, 1N4454
RF1, RF2 Line Resistor, 20Ω, 1% Match, 2 W
Carbon column resistor or thick film on
ceramic
R1, R3 200kΩ, 5%, 1/4W
R2 910kΩ, 5%, 1/4W
R4 1.2MΩ, 5%, 1/4W
RB 18.7kΩ,1%, 1/4W
RD 39kΩ, 5%, 1/4W
RDC1, RDC2 41.2kΩ, 5%, 1/4W
RFB 20.0kΩ, 1%, 1/4W
RRX 280kΩ, 1%, 1/4W
RT 562kΩ, 1%, 1/4W
RTX 20kΩ, 1%, 1/4W
RRT 150Ω, 5%, 2W
RSG VBAT = -28V, RSG = ∞
VBAT = -48V, RSG = 21.4kΩ, 1/4W 5%
NOTES:
31. It is recommended that the anodes of D3 and D4 be shorted to ground through a battery referenced surgector (SGT27S10).
32. To meet the specified 25dB 2-wire return loss at 200Hz, CHP needs to be 20nF, 20%, 100V.
FIGURE 21. APPLICATION CIRCUIT
+5V
RELAY
D6
OR
12V
PTC
PTC
Surgector
A
K
G
D3
D1
D2
D4
D5
HC5523



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com