Electronic Components Datasheet Search
  English  ▼

X  

HCA600ACREF Datasheet(PDF) 4 Page - Intersil Corporation

Part # HCA600ACREF
Description  600W/1000W Full Bandwidth Class D Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCA600ACREF Datasheet(HTML) 4 Page - Intersil Corporation

  HCA600ACREF Datasheet HTML 1Page - Intersil Corporation HCA600ACREF Datasheet HTML 2Page - Intersil Corporation HCA600ACREF Datasheet HTML 3Page - Intersil Corporation HCA600ACREF Datasheet HTML 4Page - Intersil Corporation HCA600ACREF Datasheet HTML 5Page - Intersil Corporation HCA600ACREF Datasheet HTML 6Page - Intersil Corporation HCA600ACREF Datasheet HTML 7Page - Intersil Corporation HCA600ACREF Datasheet HTML 8Page - Intersil Corporation HCA600ACREF Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
HCA600ACREF Connector Pin Designations
PIN
DESIGNATION
FUNCTION
WIRE COLOR
SPECIFICATIONS AND COMMENTS
1
Analog Ground
Input Ground
Black
(22 Gauge)
Connect to ground of pre-amp or connect to pin 18.
2
Non-Inv Input
Audio Input
Phono
Audio applied to pin 2 does not invert the phase of the signal.
Input impedance is 5k
Ω.
3
Inv Input
Audio Input
Phono
Pin 3 and 4 are differential inputs. Audio applied to pin 3 inverts
the phase of the signal. Input impedance is 10k
Ω.
4
Analog Ground
Input Ground
Black
(22 Gauge)
5
Enable
Enable
Green
(22 Gauge)
Add capacitance to delay startup or pull low to disable amp.
6
Fan
Controls fan or drives LED
indicating over temperature
shutdown
Brown
(22 Gauge)
Optional
7
CL_OUT
Drives LED to indicate
onset of current limit
Grey
(22 Gauge)
Optional
8
SFCL_OUT
Drives LED to indicate soft
clipping is activated
Blue
(22 Gauge)
Optional
9
-12V
- Bias Supply
Purple
(22 Gauge)
50mA, -12V
±10%
10
+12V
+ Bias Supply
Orange
(22 Gauge)
50mA, +12V
±10%
11
PGND
Power Ground
Black
(16 Gauge)
Connect to Star Ground
12
+BUS
Positive Supply
Red
(16 Gauge)
For best results use at least 12,000
µF, 160V electrolytic
capacitor. Limit Bus under no load conditions to 130V.
13
+BUS
Positive Supply
Red
(16 Gauge)
14
PGND
Power Ground
Black
(16 Gauge)
15
-BUS
Negative Supply
White
(16 Gauge)
For best results use at least 12,000
µF, 160V electrolytic
capacitor. Limit Bus under no load conditions to 130V.
16
-BUS
Negative Supply
White
(16 Gauge)
17
+12VFLT
Floating 12V supply
(referenced to -Bus)
Yellow
(20 Gauge)
500mA, +12V
±10%
This signal is referenced to the negative rail (-Bus).
18
PGND
Power Ground
Black
(16 Gauge)
Molex Part Numbers: Header - 26-60-5180, Connector - 09-50-8183, Pins - 08-52-0113
WARNING: Insulate wires. Accidental shorts between +/- Bus and bias supplies will damage the amplifier.
HCA600ACREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com