Electronic Components Datasheet Search
  English  ▼

X  

HCA600ACREF Datasheet(PDF) 11 Page - Intersil Corporation

Part # HCA600ACREF
Description  600W/1000W Full Bandwidth Class D Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCA600ACREF Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HCA600ACREF Datasheet HTML 3Page - Intersil Corporation HCA600ACREF Datasheet HTML 4Page - Intersil Corporation HCA600ACREF Datasheet HTML 5Page - Intersil Corporation HCA600ACREF Datasheet HTML 6Page - Intersil Corporation HCA600ACREF Datasheet HTML 7Page - Intersil Corporation HCA600ACREF Datasheet HTML 8Page - Intersil Corporation HCA600ACREF Datasheet HTML 9Page - Intersil Corporation HCA600ACREF Datasheet HTML 10Page - Intersil Corporation HCA600ACREF Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site www.intersil.com
Sales Office Headquarters
NORTH AMERICA
Intersil Corporation
P. O. Box 883, Mail Stop 53-204
Melbourne, FL 32902
TEL: (407) 724-7000
FAX: (407) 724-7240
EUROPE
Intersil SA
Mercure Center
100, Rue de la Fusee
1130 Brussels, Belgium
TEL: (32) 2.724.2111
FAX: (32) 2.724.22.05
ASIA
Intersil (Taiwan) Ltd.
7F-6, No. 101 Fu Hsing North Road
Taipei, Taiwan
Republic of China
TEL: (886) 2 2716 9310
FAX: (886) 2 2715 3029
Power supply wiring is important. The wires for the +/-Bus
must be kept close to their return (power ground). Twisting
the cables is recommended. The bias supplies should also
be kept close to their returns (AGND). Twisting is
recommended. The return for the 12VFLT is the -Bus. The
primary wires for the transformer should be twisted as
should the secondary wires to the rectifiers. When twisting is
not possible, use tie wraps. Low frequency EMI issues are
usually due to radiation from the bridge rectifiers as the
board itself is compliant.
Authorized Intersil Licensing Agents
Asia
Continental Far East, Inc.
3-1-5 Azabudai, Minato-ku
Tokyo 106, Japan
Tel: 03-3584-0339
FAX: 03-3588-0930
HCA600ACREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com