Electronic Components Datasheet Search
  English  ▼

X  

HCS244DMSR Datasheet(PDF) 4 Page - Intersil Corporation

Part # HCS244DMSR
Description  Radiation Hardened Octal Buffer/Line Driver, Three-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS244DMSR Datasheet(HTML) 4 Page - Intersil Corporation

  HCS244DMSR Datasheet HTML 1Page - Intersil Corporation HCS244DMSR Datasheet HTML 2Page - Intersil Corporation HCS244DMSR Datasheet HTML 3Page - Intersil Corporation HCS244DMSR Datasheet HTML 4Page - Intersil Corporation HCS244DMSR Datasheet HTML 5Page - Intersil Corporation HCS244DMSR Datasheet HTML 6Page - Intersil Corporation HCS244DMSR Datasheet HTML 7Page - Intersil Corporation HCS244DMSR Datasheet HTML 8Page - Intersil Corporation HCS244DMSR Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
315
Specifications HCS244MS
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
GROUP
A SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Propagation Delay
Data to Output
TPLH
TPHL
VCC = 4.5V
9
+25oC
2
21
ns
10, 11
+125oC, -55oC
2
25
ns
Enable to Output
TPZL
VCC = 4.5V
9
+25oC
2
25
ns
10, 11
+125oC, -55oC
2
30
ns
Enable to Output
TPZH
VCC = 4.5V
9
+25oC
2
20
ns
10, 11
+125oC, -55oC
2
24
ns
Disable to Output
TPLZ
TPHZ
VCC = 4.5V
9
+25oC
2
25
ns
10, 11
+125oC, -55oC
2
30
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
Ω, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = VCC.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Capacitance Power
Dissipation
CPD
VCC = 5.0V, f = 1MHz
1
+25oC
-
45
pF
1
+125oC, -55oC
-
45
pF
Input Capacitance
CIN
VCC = 5.0V, f = 1MHz
1
+25oC
-
10
pF
1
+125oC
-
10
pF
Output Transition
Time
TTHL
TTLH
VCC = 4.5V
1
+25oC
-
12
ns
1
+125oC, -55oC
-
18
ns
NOTE:
1. The parameters listed in Table 3 are controlled via design or process parameters. Min and Max Limits are guaranteed but not directly
tested. These parameters are characterized upon initial design release and upon design changes which affect these characteristics.
TABLE 4. DC POST RADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
TEMPERATURE
200K RAD
LIMITS
UNITS
MIN
MAX
Quiescent Current
ICC
VCC = 5.5V, VIN = VCC or GND
+25oC
-
0.75
mA
Output Current (Sink)
IOL
VCC = 4.5V, VIN = VCC or GND,
VOUT = 0.4V
+25oC
6.0
-
mA
Output Current
(Source)
IOH
VCC = 4.5V, VIN = VCC or GND,
VOUT = VCC -0.4V
+25oC
-6.0
-
mA
Spec Number
518763



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com