Electronic Components Datasheet Search
  English  ▼

X  

HCS244DMSR Datasheet(PDF) 5 Page - Intersil Corporation

Part # HCS244DMSR
Description  Radiation Hardened Octal Buffer/Line Driver, Three-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS244DMSR Datasheet(HTML) 5 Page - Intersil Corporation

  HCS244DMSR Datasheet HTML 1Page - Intersil Corporation HCS244DMSR Datasheet HTML 2Page - Intersil Corporation HCS244DMSR Datasheet HTML 3Page - Intersil Corporation HCS244DMSR Datasheet HTML 4Page - Intersil Corporation HCS244DMSR Datasheet HTML 5Page - Intersil Corporation HCS244DMSR Datasheet HTML 6Page - Intersil Corporation HCS244DMSR Datasheet HTML 7Page - Intersil Corporation HCS244DMSR Datasheet HTML 8Page - Intersil Corporation HCS244DMSR Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
316
Specifications HCS244MS
Output Voltage Low
VOL
VCC = 4.5V and 5.5V, VIH = 0.70(VCC),
VIL = 0.30(VCC), IOL = 50
µA
+25oC
-
0.1
V
Output Voltage High
VOH
VCC = 4.5V and 5.5V, VIH = 0.70(VCC),
VIL = 0.30(VCC), IOH = -50
µA
+25oC
VCC
-0.1
-V
Three-State Output
Leakage Current
IOZ
Applied Voltage = 0V or 5.5V, VCC = 5.5V
+25oC-
±50
µA
Input Leakage Current
IIN
VCC = 5.5V, VIN = VCC or GND
+25oC-
±5
µA
Noise Immunity
Functional Test
FN
VCC = 4.5V, VIH = 0.70(VCC),
VIL = 0.30(VCC), (Note 3)
+25oC
---
Propagation Delay Data
to Output
TPLH,
TPHL
VCC = 4.5V
+25oC
2
25
ns
Enable to Output
TPZL
VCC = 4.5V
+25oC
2
30
ns
Enable to Output
TPZH
VCC = 4.5V
+25oC
2
24
ns
Disable to Output
TPLZ,
TPHZ
VCC = 4.5V
+25oC
2
30
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
Ω, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = VCC.
3. For functional tests, VO
≥ 4.0V is recognized as a logic “1”, and VO ≤ 0.5V is recognized as a logic “0”.
TABLE 5. BURN-IN AND OPERATING LIFE TEST, DELTA PARAMETERS (+25oC)
PARAMETER
GROUP B
SUBGROUP
DELTA LIMIT
ICC
5
12
µA
IOL/IOH
5
-15% of 0 Hour
IOZL/IOZH
5
±200nA
TABLE 4. DC POST RADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued)
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
TEMPERATURE
200K RAD
LIMITS
UNITS
MIN
MAX
Spec Number
518763



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com