Electronic Components Datasheet Search
  English  ▼

X  

UPC1678 Datasheet(PDF) 4 Page - NEC

Part # UPC1678
Description  5 V-BIAS, 7.5 dBm OUTPUT, 2.0 GHz WIDEBAND Si MMIC AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1678 Datasheet(HTML) 4 Page - NEC

  UPC1678 Datasheet HTML 1Page - NEC UPC1678 Datasheet HTML 2Page - NEC UPC1678 Datasheet HTML 3Page - NEC UPC1678 Datasheet HTML 4Page - NEC UPC1678 Datasheet HTML 5Page - NEC UPC1678 Datasheet HTML 6Page - NEC UPC1678 Datasheet HTML 7Page - NEC UPC1678 Datasheet HTML 8Page - NEC UPC1678 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Data Sheet P11491EJ4V0DS00
4
µµµµPC1678G
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Conditions
Rating
Unit
Supply Voltage
VCC
TA = +25 °C, pin 5 and 8
6
V
Power Dissipation
PD
Mounted on double copper clad 50
× 50 × 1.6 mm
epoxy glass PWB (TA = +85 °C)
360
mW
Operating Ambient Temperature
TA
−45 to +85
°C
Storage Temperature
Tstg
−55 to +150
°C
Input Power
Pin
TA = +25 °C
+10
dBm
RECOMMENDED OPERATING RANGE
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Notice
Supply Voltage
VCC
4.5
5.0
5.5
V
The same voltage should be applied
to pin 5 and 8
Operating Ambient Temperature
TA
−45
+25
+85
°C
ELECTRICAL CHARACTERISTICS (TA = +25 °C, VCC = Vout = 5.0 V, ZS = ZL = 50
Ω
Ω
Ω
Ω)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Circuit Current
ICC
No signal
40.0
49.0
60.0
mA
Power Gain
GP
f = 500 MHz
21
23
25
dB
Noise Figure
NF
f = 500 MHz
−
6.0
8.0
dB
Upper Limit Operating Frequency
fu
3 dB down below the gain at 0.1 GHz
1.7
2.0
−
GHz
Isolation
ISL
f = 500 MHz
30
35
−
dB
Input Return Loss
RLin
f = 500 MHz
11
14
−
dB
Output Return Loss
RLout
f = 500 MHz
1
4
−
dB
Saturated Output Power
PO(sat)
f = 500 MHz
+15.5
+17.5
−
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com