Electronic Components Datasheet Search
  English  ▼

X  

UPC1678 Datasheet(PDF) 8 Page - NEC

Part # UPC1678
Description  5 V-BIAS, 7.5 dBm OUTPUT, 2.0 GHz WIDEBAND Si MMIC AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1678 Datasheet(HTML) 8 Page - NEC

Back Button UPC1678 Datasheet HTML 4Page - NEC UPC1678 Datasheet HTML 5Page - NEC UPC1678 Datasheet HTML 6Page - NEC UPC1678 Datasheet HTML 7Page - NEC UPC1678 Datasheet HTML 8Page - NEC UPC1678 Datasheet HTML 9Page - NEC UPC1678 Datasheet HTML 10Page - NEC UPC1678 Datasheet HTML 11Page - NEC UPC1678 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Data Sheet P11491EJ4V0DS00
8
µµµµPC1678G
OUTPUT POWER vs. INPUT POWER
SATURATED OUTPUT POWER vs. FREQUENCY
OUTPUT POWER vs. INPUT POWER
DISTORTION vs. OUTPUT POWER OF EACH TONE
0.01
0.03
0.1
0.3
1.0
3.0
–20
–15
–10
–5
0
+5
+10
Input Power Pin (dBm)
Frequency f (GHz)
Output Power of Each Tone PO(each) (dBm)
Input Power Pin (dBm)
0
+5
+10
+15
+20
+25
0
+5
+10
+15
+20
+25
0
–70
–60
–50
–40
–30
–20
–10
0
+5
+10
+15
+20
+25
–20
–15
–10
–5
0
+5
+10
–5
0
+5
+10
+15
Pin = +3 dBm
f = 500 MHz
f = 500 MHz
VCC = 5.0 V
f1 = 500 MHz
f2 = 502 MHz
VCC = 5.5 V
VCC = 5.0 V
VCC = 4.5 V
TA = +85
°C
TA = +25
°C
TA = –45
°C
VCC = 4.5 V
VCC = 5.0 V
VCC = 5.5 V
VCC = 5.5 V
VCC = 5.0 V
VCC = 4.5 V
THIRD ORDER INTERMODULATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com