Electronic Components Datasheet Search
  English  ▼

X  

UPC1857A Datasheet(PDF) 1 Page - NEC

Part # UPC1857A
Description  SOUND CONTROL IC WITH SURROUND AND I2C BUS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1857A Datasheet(HTML) 1 Page - NEC

  UPC1857A Datasheet HTML 1Page - NEC UPC1857A Datasheet HTML 2Page - NEC UPC1857A Datasheet HTML 3Page - NEC UPC1857A Datasheet HTML 4Page - NEC UPC1857A Datasheet HTML 5Page - NEC UPC1857A Datasheet HTML 6Page - NEC UPC1857A Datasheet HTML 7Page - NEC UPC1857A Datasheet HTML 8Page - NEC UPC1857A Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
The information in this document is subject to change without notice.
BIPOLAR ANALOG INTEGRATED CIRCUIT
µµµµPC1857A
SOUND CONTROL IC WITH SURROUND AND I
2C BUS
1997
©
Document No. S12453EJ1V1DS00 (1st edition)
Date Published March 1998 N CP(K)
Printed in Japan
DATA SHEET
DESCRIPTION
The
µPC1857A is a sound control IC with I2C bus.
It has functions to control volume, balance, and tone, and a phase shift matrix surround function.
The surround function achieves wide sound expansion using only two front speakers.
Three modes can be
selected: movie mode that increases the presence of sound with stereo sound input, music mode emphasizing vocal
music, and simulated mode that gives expansion and left and right sound depth with monaural sound input.
The
µPC1857A can perform all control (mode switching, volume control and so on) using I2C.
FEATURES
•
Volume control function
: Attenuation adjustable from 0 to
−80 dB in 64 steps
•
Balance control function
: The difference in attenuation adjustable from 0 to
−80 dB in 64 steps
•
Tone (bass, treble) control function : Adjustable in 32 steps from +10 to
−10 dB
•
Surround function (gain adjustable) : Three modes (movie, music, and simulated)
•
Mute function
•
Mixing function
•
Output selection function (for two mono channels input)
•
All parameters can be controlled via I
2C bus.
APPLICATIONS
•
TV, PC monitor
ORDERING INFORMATION
Part Number
Package
µPC1857ACT
30-pin plastic shrink DIP (400 mil)


Similar Part No. - UPC1857A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC1857A RENESAS-UPC1857A Datasheet
432Kb / 46P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1997
UPC1857ACT RENESAS-UPC1857ACT Datasheet
432Kb / 46P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1997
More results

Similar Description - UPC1857A

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1853 NEC-UPC1853 Datasheet
544Kb / 76P
MATRIX SURROUND IC WITH I2C BUS
logo
NXP Semiconductors
TDA8745 PHILIPS-TDA8745 Datasheet
261Kb / 40P
Satellite sound receiver with I2C-bus control
1996 Mar 11
TDA8405 PHILIPS-TDA8405 Datasheet
322Kb / 9P
TV AND VTR STEREO/DUAL SOUND PROCESSOR WITH I2C BUS CONTROL
December 1985
logo
Sanyo Semicon Device
LA76843N SANYO-LA76843N Datasheet
516Kb / 3P
Monolithic Linear IC I2C Bus Control IC
LA76835NM SANYO-LA76835NM Datasheet
463Kb / 3P
Monolithic Linear IC I2C Bus Control IC
LA76828N SANYO-LA76828N Datasheet
526Kb / 3P
I2C Bus Control IC
logo
Renesas Technology Corp
M61510AFP RENESAS-M61510AFP Datasheet
681Kb / 23P
Sound Controller for Quality/Sound Field Control, with Built-in Surround Sound
R2S15903SP RENESAS-R2S15903SP Datasheet
303Kb / 12P
Sound Controller with Surround and AGC
logo
Sanyo Semicon Device
LA76832N SANYO-LA76832N Datasheet
385Kb / 39P
Monolithic Linear IC I2C Bus Control IC
LA76843N SANYO-LA76843N_06 Datasheet
146Kb / 3P
I2C Bus Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com