Electronic Components Datasheet Search
  English  ▼

X  

UPC1857A Datasheet(PDF) 21 Page - NEC

Part # UPC1857A
Description  SOUND CONTROL IC WITH SURROUND AND I2C BUS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1857A Datasheet(HTML) 21 Page - NEC

Back Button UPC1857A Datasheet HTML 17Page - NEC UPC1857A Datasheet HTML 18Page - NEC UPC1857A Datasheet HTML 19Page - NEC UPC1857A Datasheet HTML 20Page - NEC UPC1857A Datasheet HTML 21Page - NEC UPC1857A Datasheet HTML 22Page - NEC UPC1857A Datasheet HTML 23Page - NEC UPC1857A Datasheet HTML 24Page - NEC UPC1857A Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
21
µµµµPC1857A
4.4
Explanation of Each Command
4.4.1 Mute
The mute function can be turned ON/OFF by using data of bit D7 of subaddress 00H.
Figure 4-1. Mute
D7
D6
D5
D4
D3
D2
D1
D0
Subaddress
00H
Mute
Output selection
0
0
1
Mute: OFF
Mute: ON
Output mute
Surround mode
Surround effect
Caution When changing the surround mode, and when turning ON/OFF power, use the mute function
(approx. 200 ms) for pop noise reduction.
4.4.2 Output selection
Output can be selected by using data of bits D5 and D4 of subaddress 00H.
Figure 4-2. Output Selection
D7
D6
D5
D4
D3
D2
D1
D0
Subaddress
00H
Mute
Output selection
0
Output
Data
Output selection
D5
0
0
1
1
Surround mode
Surround effect
D4
0
1
0
1
Lout
L
L
R
L + R
Rout
R
L
R
L + R
Caution The surround mode is OFF (D3, D2 = 11) in modes other than the stereo mode (D5, D4 = 00).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com