Electronic Components Datasheet Search
  English  ▼

X  

AD9863 Datasheet(PDF) 39 Page - Analog Devices

Part # AD9863
Description  Mixed-Signal Front-End Baseband Transceiver for Broadband Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9863 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9863_15 Datasheet HTML 32Page - Analog Devices AD9863_15 Datasheet HTML 33Page - Analog Devices AD9863_15 Datasheet HTML 34Page - Analog Devices AD9863_15 Datasheet HTML 35Page - Analog Devices AD9863_15 Datasheet HTML 36Page - Analog Devices AD9863_15 Datasheet HTML 37Page - Analog Devices AD9863_15 Datasheet HTML 38Page - Analog Devices AD9863_15 Datasheet HTML 39Page - Analog Devices AD9863_15 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
AD9863
Rev. A | Page 39 of 40
Table 24 shows typical output delay times for the AD9863 in the various mode configurations.
Table 24. AD9863 Rx Data Latch Timing
Mode No.
Mode Name
tOD Data Delay [ns]
Relative to:
1
FD
+2.5 ns
Relative to IFACE2 rising edge
+1 ns
Relative to IFACE3 rising edge
2
Optional FD
+1 ns
Relative To IFACE3 rising edge
+2 ns
IFACE2 (RxSYNC) relative to LSB
4
HD24
−1.5 ns
Relative to IFACE3 rising edge
5
Optional HD24
−0.5 ns
Relative to IFACE3 rising edge
7
HD12
−1.5 ns
Relative to IFACE3 rising edge
8
Optional HD12
+0.5 ns
Relative to IFACE3 rising edge
+0 ns
U12 (RxSYNC) relative to LSB
10
Clone
+1.5 ns
Relative to IFACE3 rising edge
Configuration Without Serial Port Interface (Using Mode Pins)
The AD9863 can be configured using mode pins if a serial port interface is not available. This section applies only to configuring the
AD9863 without an SPI. Refer to the Configuring with Mode Pins section of the data sheet for more information.
When using the mode pin option, the pins shown in Table 25 are used to configure the AD9863.
Table 25. Using Mode Pin (SPI Disabled) to Configure Timing (SPI_CS, Pin 64, Must be Tied Low)
Clock Mode
Interpolation
Setting
PLL Setting
FD/HD
Pin 3
12/20
Pin 17
Interp1, Interp0
Pin 1, Pin 2
Mode 1 (FD)
2×
4×
2×
4×
1
N/A1
0, 1
1, 0
Mode 4 (HD24)
1×
2×
4×
Bypassed
2×
4×
0
0
0, 0
0, 1
1, 0
Mode 7 (HD12)
2×
4×
2×
4×
0
1
0, 1
1, 0
1 Pin 17 (IFACE2) is an output clock in FD mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com