Electronic Components Datasheet Search
  English  ▼

X  

AD9863 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9863
Description  Mixed-Signal Front-End Baseband Transceiver for Broadband Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9863 Datasheet(HTML) 5 Page - Analog Devices

  AD9863_15 Datasheet HTML 1Page - Analog Devices AD9863_15 Datasheet HTML 2Page - Analog Devices AD9863_15 Datasheet HTML 3Page - Analog Devices AD9863_15 Datasheet HTML 4Page - Analog Devices AD9863_15 Datasheet HTML 5Page - Analog Devices AD9863_15 Datasheet HTML 6Page - Analog Devices AD9863_15 Datasheet HTML 7Page - Analog Devices AD9863_15 Datasheet HTML 8Page - Analog Devices AD9863_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
AD9863
Rev. A | Page 5 of 40
POWER SPECIFICATIONS
Analog and digital supplies = 3.3 V; FCLKIN1 = FCLKIN2 = 50 MHz; PLL 4× setting; normal timing mode.
Table 3.
Parameter
Temp
Test Level
Min
Typ
Max
Unit
POWER SUPPLY RANGE
Analog Supply Voltage (AVDD)
Full
IV
2.7
3.6
V
Digital Supply Voltage (DVDD)
Full
IV
2.7
3.6
V
Driver Supply Voltage (DRVDD)
Full
IV
2.7
3.6
V
ANALOG SUPPLY CURRENTS
Tx Path (20 mA Full-Scale Outputs)
Full
V
70
mA
Tx Path (2 mA Full-Scale Outputs)
Full
V
20
mA
Rx Path (50 MSPS)
Full
V
103
mA
Rx Path (50 MSPS, Low Power Mode)
Full
V
69
mA
Rx Path (20 MSPS, Low Power Mode)
Full
V
55
mA
Tx Path, Power-Down Mode
Full
V
2
mA
Rx Path, Power-Down Mode
Full
V
5
mA
PLL
Full
V
12
mA
DIGITAL SUPPLY CURRENTS
Tx Path, 1× Interpolation,
50 MSPS DAC Update for Both DACs,
Half-Duplex 24 Mode
Full
V
20
mA
Tx Path, 2× Interpolation,
100 MSPS DAC Update for Both DACs,
Half-Duplex 24 Mode
Full
V
50
mA
Tx Path, 4× Interpolation,
200 MSPS DAC Update for Both DACs,
Half-Duplex 24 Mode
Full
V
80
mA
Rx Path Digital, Half-Duplex 24 Mode
Full
V
15
mA
DIGITAL SPECIFICATIONS
Table 4.
Parameter
Temp
Test Level
Min
Typ
Max
Unit
LOGIC LEVELS
Input Logic High Voltage, VIH
Full
IV
DRVDD
− 0.7
V
Input Logic Low Voltage, VIL
Full
IV
0.4
V
Output Logic High Voltage, VOH (1 mA Load)
Full
IV
DRVDD
− 0.6
V
Output Logic Low Voltage, VOL (1 mA Load)
Full
IV
0.4
V
DIGITAL PIN
Input Leakage Current
Full
IV
12
µA
Input Capacitance
Full
IV
3
pF
Minimum RESET Low Pulse Width
Full
IV
5
Input clock cycles
Digital Output Rise/Fall Time
Full
IV
2.8
4
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com