Electronic Components Datasheet Search
  English  ▼

X  

UPC1909 Datasheet(PDF) 6 Page - NEC

Part # UPC1909
Description  SWITCHING REGULATOR CONTROL IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1909 Datasheet(HTML) 6 Page - NEC

Back Button UPC1909 Datasheet HTML 2Page - NEC UPC1909 Datasheet HTML 3Page - NEC UPC1909 Datasheet HTML 4Page - NEC UPC1909 Datasheet HTML 5Page - NEC UPC1909 Datasheet HTML 6Page - NEC UPC1909 Datasheet HTML 7Page - NEC UPC1909 Datasheet HTML 8Page - NEC UPC1909 Datasheet HTML 9Page - NEC UPC1909 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Data Sheet G14309EJ1V0DS00
6
µµµµPC1909
TYPICAL CHARACTERISTICS CURVES (UNLESS OTHERWISE SPECIFIED, TA = 25
°°°°C, VCC = 10 V, REFERENCE VALUES)
−25
PT vs. TA
0
0.2
0.4
0.6
0.8
1.0
1.2
25
50
75
100
125
150
TA - Ambient Temperature -
°C
PC1909CX
µ
PC1909GS
µ
ICC(SB) vs. TA
0
50
100
150
200
250
050
25
75
100
TA - Ambient Temperature -
°C
ICC vs. VCC
0
0.4
0.8
12
10
14
16
18
5
10152025
VCC - Supply Voltage - V
Under-Voltage Lockout Circuit
0
2.5
5
7.5
10
12.5
15
2.5
5
7.5
10
12.5
15
VCC - Supply Voltage - V
VCC (H to L)
fOSC = 200 kHz
Without load
VH
VH
VCC (L to H)
VOUT1 vs. VIN
0
5
10
15
20
123456
VIN - Remote Control Voltage - V
VIN (OFF)
VIN (ON)
ICC (SB)
ICC
(SB)
ICC vs. VCC (During OVL Operation)
0
0.4
0.8
12
10
14
16
18
5
10152025
VCC - Supply Voltage - V
VH
fOSC = 200 kHz
180
°C/W
125
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com