Electronic Components Datasheet Search
  English  ▼

X  

UPC1909 Datasheet(PDF) 12 Page - NEC

Part # UPC1909
Description  SWITCHING REGULATOR CONTROL IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1909 Datasheet(HTML) 12 Page - NEC

Back Button UPC1909 Datasheet HTML 8Page - NEC UPC1909 Datasheet HTML 9Page - NEC UPC1909 Datasheet HTML 10Page - NEC UPC1909 Datasheet HTML 11Page - NEC UPC1909 Datasheet HTML 12Page - NEC UPC1909 Datasheet HTML 13Page - NEC UPC1909 Datasheet HTML 14Page - NEC UPC1909 Datasheet HTML 15Page - NEC UPC1909 Datasheet HTML 16Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Data Sheet G14309EJ1V0DS00
12
µµµµPC1909
RECOMMENDED SOLDERING CONDITIONS
The
µPC1909 should be soldered and mounted under the following recommended conditions. For the details of
the recommended soldering conditions, refer to the document Semiconductor Device Mounting Technology
Manual (C10535E). For soldering methods and conditions other than those recommended below, contact your NEC
sales representative.
Insertion Type
µµµµPC1909CX: 16-pin plastic DIP (300 mils)
Soldering Method
Soldering Conditions
Wave soldering (pins only)
Solder bath temperature: 260
°C Max., Time: 10 seconds max.
Partial heating
Pin temperature: 300
°C max., Time: 3 seconds max. (per pin)
Caution Apply wave soldering only to the pins and be careful not to bring solder into direct contact with
the package.
Surface Mounting Type
µµµµPC1909GS: 16-pin plastic SOP (300 mils)
Soldering Method
Soldering Conditions
Recommended
Condition symbol
Infrared reflow
Package peak temperature: 235
°C, Time: 30 seconds max.
(at 210
°C or higher), Count: Twice or less
IR35-00-2
VPS
Package peak temperature: 215
°C, Time: 40 seconds max.
(at 200
°C or higher), Count: Twice or less
VP15-00-2
Wave soldering
Soldering bath temperature: 260
°C or less, Time: 10 seconds max.,
Count: Once, Preheating temperature: 120
°C MAX.
(package surface temperature)
WS60-00-1
Caution Do not use different soldering methods together.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com