Electronic Components Datasheet Search
  English  ▼

X  

UPC2533 Datasheet(PDF) 7 Page - NEC

Part # UPC2533
Description  AM TUNER FOR ELECTRONIC TUNING CAR RADIOS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2533 Datasheet(HTML) 7 Page - NEC

Back Button UPC2533 Datasheet HTML 3Page - NEC UPC2533 Datasheet HTML 4Page - NEC UPC2533 Datasheet HTML 5Page - NEC UPC2533 Datasheet HTML 6Page - NEC UPC2533 Datasheet HTML 7Page - NEC UPC2533 Datasheet HTML 8Page - NEC UPC2533 Datasheet HTML 9Page - NEC UPC2533 Datasheet HTML 10Page - NEC UPC2533 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
7
µPC2533
(4/7)
Pin No.
Symbol
Name
Equivalent Circuit
14
MIX2AGC T.C.
MIX2 AGC smoothing
15
VO(AF)
Audio output
16
GND
Ground
GND (low frequency)
17
VCC
Power supply voltage
VCC
18
IF2OUT
IF amplifier output
19
IF2IN
IF amplifier input
20
IF AGC T.C.
IF AGC input
VCC
15
20
RT = 100 k
Ω ±20 %
RT
19
18
14
RT = 1 k
Ω ±20 %
Vref
RT
VCC
15
ZO = 300
Ω ±20 %
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com