Electronic Components Datasheet Search
  English  ▼

X  

UPC2533 Datasheet(PDF) 17 Page - NEC

Part # UPC2533
Description  AM TUNER FOR ELECTRONIC TUNING CAR RADIOS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2533 Datasheet(HTML) 17 Page - NEC

Back Button UPC2533 Datasheet HTML 13Page - NEC UPC2533 Datasheet HTML 14Page - NEC UPC2533 Datasheet HTML 15Page - NEC UPC2533 Datasheet HTML 16Page - NEC UPC2533 Datasheet HTML 17Page - NEC UPC2533 Datasheet HTML 18Page - NEC UPC2533 Datasheet HTML 19Page - NEC UPC2533 Datasheet HTML 20Page - NEC UPC2533 Datasheet HTML 21Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
17
µPC2533
2.7
Station Detector Circuit Block
Fig. 2-7 Station Detector Circuit Block
The configration station detector (SD) circuit block is shown in Fig. 2-7.
The SD circuit stops scanning or seeking when a broadcast wave is received when auto scanning or seek tuning.
Since the
µPC2533 has two outputs (DC high/low signal (open collector) and AC IF signal (f = 450 kHz)), it can be
used according to DTS (digital tuning system) type. Input the SD request signal from DTS to pin 5.
The SD sensitivity setting methods of the
µPC2533GS-01 and µPC2533GS-02 differ.
With the
µPC2533GS-01, SD sensitivities in the IF counter output system and in the high/low output system are
set by external resistor between pin 7 and GND and by external resistor between pin 9 and GND.
With the
µPC2533GS-02, SD sensitivities in both the IF counter output system and high/low output system are set
by external resistor between pin 7 and GND (refer to Fig. 2-6).
Table 2-1 SD Sensitivity Setting Examples
Value of Resistor between Pin 9 or Pin 7 and GND
SD Sensitivity (AC, DC)
51 k
Ω
27 dB
µV
24 k
Ω
29 dB
µV
10 k
Ω
33 dB
µV
+
–
–
+
–
+
10
5
6
8
1.0 V
ON/OFF
1.0 V
Detection comparator 1
Detection comparator 2
From signal meter
circuit (Fig. 2-6)
To time constant
switchover circuit
(Fig. 2-6)
From DTS (request)
SD output
(Active high)
SD AC output
450kHz IF input
(from T3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com